Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C3-R22-10 Datasheet(PDF) 4 Page - Superworld Electronics

Part # C3-R22-10
Description  CERAMIC CHIP INDUCTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

C3-R22-10 Datasheet(HTML) 4 Page - Superworld Electronics

  C3-R22-10 Datasheet HTML 1Page - Superworld Electronics C3-R22-10 Datasheet HTML 2Page - Superworld Electronics C3-R22-10 Datasheet HTML 3Page - Superworld Electronics C3-R22-10 Datasheet HTML 4Page - Superworld Electronics C3-R22-10 Datasheet HTML 5Page - Superworld Electronics C3-R22-10 Datasheet HTML 6Page - Superworld Electronics C3-R22-10 Datasheet HTML 7Page - Superworld Electronics C3-R22-10 Datasheet HTML 8Page - Superworld Electronics C3-R22-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 4
07.08.2008
C3 SERIES
8. RELIABILITY & TEST CONDITION :
Bending
40(1.575)
not be damaged by the forces applied on the
The terminal electrode & the dielectric must
Flexture Strength
100(3.937)
45(1.772)
right conditions.
45(1.772)
20(.787)
Solder a chip on a test substrate, bend the substrate
by 2mm (0.079in) and return.
TEST CONDITION
PERFORMANCE
not be damaged by the forces applied on the
The terminal electrode & the dielectric must
More than 90% of the terminal electrode
Refer to standard electrical characteristics list
10±0.5
seconds
60
seconds
Terminal Strength
Solderability
right conditions.
W
should be covered with solder.
60
seconds
Preheating
245°C
150°C
4±1.0
seconds
cooling
Dipping
Natural
Solder Heat Resistance
Temperature Rise Test
Electrical Characteristics Test
Rated Current
DC Resistance
Impedance
Preheating
30°C max. ( t)
260°C
150°C
Dipping
cooling
Natural
For C Series :
Solder : Sn-Ag3.0-Cu0.5
Flux for lead free : rosin
Dip Time : 4±1sec.
Preheat : 150°C, 60sec.
Solder Temperature : 245±5°C
2. Temperature measured by digital surface thermometer.
Flux for lead free : rosin
Dip Time : 10±0.5sec.
Preheat : 150°C, 60sec.
Solder : Sn-Ag3.0-Cu0.5
Solder Temperature : 260±5°C
1. Applied the allowed DC current.
HP4291A, HP4287A+16092A
HP4338B
No mechanical damage
Remaining terminal electrode : 70% min.
W
ITEM
0.2
1
2.0
8
1.0
5
6
7
1.0
1.5
2
3
4
0.6
0.5
1.0
> 25
Size
Force (Kfg)
Time (sec)
CERAMIC CHIP INDUCTORS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com