Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1-R12J-10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # C1-R12J-10
Description  CERAMIC CHIP INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

C1-R12J-10 Datasheet(HTML) 2 Page - Superworld Electronics

  C1-R12J-10 Datasheet HTML 1Page - Superworld Electronics C1-R12J-10 Datasheet HTML 2Page - Superworld Electronics C1-R12J-10 Datasheet HTML 3Page - Superworld Electronics C1-R12J-10 Datasheet HTML 4Page - Superworld Electronics C1-R12J-10 Datasheet HTML 5Page - Superworld Electronics C1-R12J-10 Datasheet HTML 6Page - Superworld Electronics C1-R12J-10 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
CERAMIC CHIP INDUCTORS
C1 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
26.09.2008
6. ELECTRICAL CHARACTERISTICS :
8
8
8
8
8
8
8
8
8
8
8
8
8
Q
8
Min.
8
8
8
8
8
8
8
J : ±5%
S : ±0.3nH
0402
C1-8N2J-10
Tolerance code :
C1-22NJ-10
C1-27NJ-10
C1-18NJ-10
C1-12NJ-10
C1-10NJ-10
C1-15NJ-10
0402
0402
0402
0402
0402
0402
C1-3N0S-10
C1-4N7S-10
C1-5N6S-10
C1-3N3S-10
C1-3N9S-10
C1-6N8J-10
C1-2N7S-10
C1-2N4S-10
0402
0402
0402
0402
0402
0402
0402
0402
8.2
22
27
18
12
10
15
3.9
5.6
4.7
6.8
3.3
3.0
2.7
2.4
Part Number
C1-1N0S-10
C1-1N8S-10
C1-1N5S-10
C1-2N2S-10
C1-2N0S-10
C1-1N2S-10
0402
0402
0402
0402
0402
0402
EIA
Size
1.2
1.8
1.5
2.0
2.2
( nH )
Inductance
1.0
Frequency
100
( MHz )
100
Test
8
8
8
8
8
C1-56NJ-10
C1-68NJ-10
C1-47NJ-10
C1-33NJ-10
C1-39NJ-10
0402
0402
0402
0402
0402
56
68
47
33
39
8
8
8
C1-R10J-10
C1-R12J-10
C1-82NJ-10
0402
0402
0402
100
120
82
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
0.28
0.60
0.70
0.55
0.40
0.31
0.46
0.21
0.23
0.21
0.25
0.16
0.16
0.13
0.13
0.09
0.12
0.10
0.13
0.12
(
)
DCR
0.08
Max.
1.00
1.20
1.00
0.80
0.90
1.50
1.60
1.30
3.6
1.9
1.6
2.1
2.3
2.7
3.2
4
4
3.9
4
6
6
6
6
( GHz )
10
6
6
6
6
Min.
10
SRF
0.75
0.75
1.0
1.2
1.3
0.60
0.60
0.60
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
Rated Current
300
300
300
300
300
( mA )
Max.
300
200
180
200
200
200
150
150
150



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com