Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2-R22J-10 Datasheet(PDF) 6 Page - Superworld Electronics

Part # C2-R22J-10
Description  CERAMIC CHIP INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

C2-R22J-10 Datasheet(HTML) 6 Page - Superworld Electronics

  C2-R22J-10 Datasheet HTML 1Page - Superworld Electronics C2-R22J-10 Datasheet HTML 2Page - Superworld Electronics C2-R22J-10 Datasheet HTML 3Page - Superworld Electronics C2-R22J-10 Datasheet HTML 4Page - Superworld Electronics C2-R22J-10 Datasheet HTML 5Page - Superworld Electronics C2-R22J-10 Datasheet HTML 6Page - Superworld Electronics C2-R22J-10 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 6
26.09.2008
CERAMIC CHIP INDUCTORS
C2 SERIES
C
D
temperature
A
B
b) 280°C tip temperature (max)
c) Never contact the ceramic with the iron tip
a) Preheat circuit and products to 150°C.
Accordingly increasing the solder volume, the mechanical stress to product is also
increased. Exceeding solder volume may cause the failure of mechanical or electrical
performance. Solder shall be used not to be exceed as shown in right side.
9-3. Solder Volume :
9-2. Soldering Iron
a soldering iron must be employed the following precautions are recommended.
Products attachment with soldering iron is discouraged due to the inherent process control limitations. In the event that
Note :
e) Use a 30 watt max. soldering iron with tip diameter of 3.0mm
f) Limit soldering time to 3 secs.
Upper limit
Recommendable
d) 3.0mm tip diameter (max)
TIME(sec.)
(Melting area of solder)
255 ~ 260
No. of mounting
Peak temperature
Peak hold time
E
times
3
sec
°C
10 max.
main heating
pre-heating
normal
230°C
Insufficient pre-heating may cause cracks on the ferrite, resulting in the deterioration of product quality.
Also cooling into the solvent after soldering should be in such a way that the temperature difference is limited to 100°C max.
Pre-heating should be in such a way that the temperature difference between solder and ferrite surface is limited to 150°C max.
Products should be soldered within the following allowable range indicated by the slanted line. The excessive soldering conditions
9-1. Reflow soldering conditions
may cause the corrosion of the electrode. When soldering is repeated, allowable time is the accumulated time.
9. SOLDERING :
180°C
120°C
E
°C/sec
A
Slope of temp. rise
1 to 5
50 to 150
120 to 180
90 ~ 120
Heat temperature
Slope of temp. rise
Time over 230°C
C
D
Heat time
B
°C
°C/sec
sec
1 to 5
sec



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com