Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2-R15J-10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # C2-R15J-10
Description  CERAMIC CHIP INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

C2-R15J-10 Datasheet(HTML) 2 Page - Superworld Electronics

  C2-R15J-10 Datasheet HTML 1Page - Superworld Electronics C2-R15J-10 Datasheet HTML 2Page - Superworld Electronics C2-R15J-10 Datasheet HTML 3Page - Superworld Electronics C2-R15J-10 Datasheet HTML 4Page - Superworld Electronics C2-R15J-10 Datasheet HTML 5Page - Superworld Electronics C2-R15J-10 Datasheet HTML 6Page - Superworld Electronics C2-R15J-10 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
CERAMIC CHIP INDUCTORS
C2 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
26.09.2008
6. ELECTRICAL CHARACTERISTICS :
12
12
12
12
12
12
10
10
10
10
10
10
Q
8
Min.
8
8
8
8
10
J : ±5%
S : ±0.3nH
0603
C2-8N2J-10
Tolerance code :
C2-22NJ-10
C2-27NJ-10
C2-18NJ-10
C2-12NJ-10
C2-10NJ-10
C2-15NJ-10
0603
0603
0603
0603
0603
0603
C2-4N7S-10
C2-5N6S-10
C2-3N3S-10
C2-3N9S-10
C2-6N8J-10
C2-2N7S-10
0603
0603
0603
0603
0603
0603
8.2
22
27
18
12
10
15
3.9
5.6
4.7
6.8
3.3
2.7
Part Number
C2-1N0S-10
C2-1N8S-10
C2-1N5S-10
C2-2N2S-10
C2-1N2S-10
0603
0603
0603
0603
0603
EIA
Size
1.2
1.8
1.5
2.2
( nH )
Inductance
1.0
Frequency
100
( MHz )
100
Test
12
12
12
12
12
C2-56NJ-10
C2-68NJ-10
C2-47NJ-10
C2-33NJ-10
C2-39NJ-10
0603
0603
0603
0603
0603
56
68
47
33
39
12
8
12
C2-R10J-10
C2-R12J-10
C2-82NJ-10
0603
0603
0603
100
120
82
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
50
100
0.24
0.40
0.45
0.35
0.28
0.26
0.32
0.14
0.18
0.16
0.22
0.12
0.10
0.05
0.10
0.10
0.10
(
)
DCR
0.05
Max.
0.75
0.85
0.70
0.55
0.60
1.00
1.20
0.95
3.5
1.6
1.4
2.0
2.3
2.6
3.4
6
4
4
4
6
6
( GHz )
10
6
6
6
Min.
10
SRF
0.9
0.7
0.9
1.1
1.2
0.6
0.5
0.6
300
300
300
300
300
300
300
300
300
300
300
300
300
Rated Current
300
300
300
300
( mA )
Max.
300
300
300
300
300
300
300
300
300
8
8
8
C2-R18J-10
C2-R22J-10
C2-R15J-10
0603
0603
0603
180
220
150
50
50
50
1.30
1.50
1.20
0.4
0.4
0.5
300
300
300



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com