Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP-48-IR1-RDA Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # SP-48-IR1-RDA
Description  OC-48 IR1/STM-16 S-16.1 SFP Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-48-IR1-RDA Datasheet(HTML) 3 Page - Source Photonics, Inc.

  SP-48-IR1-RDA Datasheet HTML 1Page - Source Photonics, Inc. SP-48-IR1-RDA Datasheet HTML 2Page - Source Photonics, Inc. SP-48-IR1-RDA Datasheet HTML 3Page - Source Photonics, Inc. SP-48-IR1-RDA Datasheet HTML 4Page - Source Photonics, Inc. SP-48-IR1-RDA Datasheet HTML 5Page - Source Photonics, Inc. SP-48-IR1-RDA Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
OC-48 IR1/STM-16 S-16.1 SFP Transceiver
SP-48-IR1
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS258-FEB1706
rev.A.1
Parameter
Symbol
Min
Typical
Max
Unit
Tx Disable Negate time
t_on
-
-
1
ms
Tx Disable assert time
t_off
-
-
10
µs
Time to initialize, including reset of Tx fault
t_init
-
-
300
ms
Tx fault Assert time
t_fault
-
-
100
µs
Tx Disable to reset
t_reset
10
-
-
µs
LOS Assert time
t_loss_on
-
-
100
µs
LOS De-assert time
t_loss_off
-
-
100
µs
Serial ID Clock Rate
f_serial_clock
-
-
100
KHz
RX_LOS Voltage (high)
Rx_LOSH
2
-
-
V
RX_LOS Voltage (low)
RX_LOSL
-
-
0.8
V
LOS output voltage-Fault
VLOS fault
2
-
Vcc
V
LOS output voltage-Normal
VLOS normal
Vee
-
Vee + 0.5
V
MOD_DEF (0:2)-High
Vh
2
-
Vcc
V
MOD_DEF (0:2)-Low
VI
Vee
-
Vee + 0.5
V
Timing and Electrical
Parameter
Range
Accuracy
Unit
Calibration
Formula
Temperature(-CDx)
-5 to 70
±3
ºC
Internal
Tc(C) = Tad(16 bit signed twos complement)/256
Temperature(-RDx)
-20 to 85
±3
ºC
Internal
Tc(C) = Tad(16 bit signed twos complement)/256
Voltage
0 to Vcc
0.1
V
Internal
V(Volts) = Vad(16 bit unsigned integer)*0.1
Bias Current
0 to 120
5
mA
External
I(mA) = Islope * Iad(16 bit unsigned integer)+Ioffset
Tx Power
-5 to 0
±3dB
dBm
External
Tx_PWR(µW) = Tx_PWRslope*Tx_PWRad(16 bit unsigned integer)+Tx_
PWRoffset
Rx Power
-24 to 0
±3dB
dBm
External
Rx_PWR(µW) = A0+A1*x+A2*x^2+A3*x^3+A4*x^4
Diagnostics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com