Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCLA0075EB Datasheet(PDF) 13 Page - Sensortechnics GmbH

Part # HCLA0075EB
Description  Miniature amplified low pressure sensors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HCLA0075EB Datasheet(HTML) 13 Page - Sensortechnics GmbH

Back Button HCLA0075EB Datasheet HTML 7Page - Sensortechnics GmbH HCLA0075EB Datasheet HTML 8Page - Sensortechnics GmbH HCLA0075EB Datasheet HTML 9Page - Sensortechnics GmbH HCLA0075EB Datasheet HTML 10Page - Sensortechnics GmbH HCLA0075EB Datasheet HTML 11Page - Sensortechnics GmbH HCLA0075EB Datasheet HTML 12Page - Sensortechnics GmbH HCLA0075EB Datasheet HTML 13Page - Sensortechnics GmbH HCLA0075EB Datasheet HTML 14Page - Sensortechnics GmbH HCLA0075EB Datasheet HTML 15Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
HCLA Series
Miniature amplified low pressure sensors
13/15
E / 11629 / A
www.sensortechnics.com
Dual port, top side (HCL...T...)
n
i
Pn
o
i
t
c
e
n
n
o
C
1s
V
+
2D
N
G
3t
u
o
V
4*
C
/
I
* Internal connection.
Do not connect for any reason
HIGH PRESSURE PORT
LOW PRESSURE PORT
12.70
4.85
2
6.70
3
1.90
0.25
1.45
10.70
0.51
2.54
7.85
4 3 2 1
dimensions in mm
third angle projection
HOUSING OPTIONS (cont.)
Different housing options are available on request. Please contact Sensortechnics.
Bottom view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com