Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCOP001D Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # RCOP001D
Description  Precision compensated pressure sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RCOP001D Datasheet(HTML) 4 Page - Sensortechnics GmbH

  RCOP001D Datasheet HTML 1Page - Sensortechnics GmbH RCOP001D Datasheet HTML 2Page - Sensortechnics GmbH RCOP001D Datasheet HTML 3Page - Sensortechnics GmbH RCOP001D Datasheet HTML 4Page - Sensortechnics GmbH RCOP001D Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RCO Series
Precision compensated pressure sensors
4/5
E / 11712 / A
www.sensortechnics.com
PHYSICAL DIMENSIONS
mass: 5 g
dimensions in inches (mm)
ELECTRICAL CONNECTION
Note: The polarity indicated is for pressure applied to port B. For absolute devices pressure is applied to port A
and the output polarity is reversed.
third angle projection
6
5
4
3
2
1
Pin 1
marked by dot
Temperature output (-)
Output (-)
GND
Output (+)
+Vs
Temperature output (+)
1 2 3 4 5 6
0.85
(21.6)
1.10 ref
(27.9 ref
0.80
(20.3)
0.190
(4.8)
2 pls
0.36
(9.1)
Ø 0.08 (2.0)
pressure port B
0.42
(10.7)
1.03 ref
(26.2) ref
0.55
(14.0)
0.05
(1.3)
0.20
(5.1)
Ø 0.08 (2.0)
pressure port A
1.08
(27.4)
0.41
(10.4)
0.25
(6.4)
Ø 0.14 (3.6) thru rivet
mounting holes
0.020 (0.51) x 0.01 (0.25)
pins 6 pls
0.05
(1.3)
0.10
(2.5)
pin spacing
R0.13
(R3.3) typ
Port B:
High pressure Port for gage
and differential devices
Port A:
High pressure Port for
absolute devices



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com