Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTOP005V7 Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # RTOP005V7
Description  Stainless steel pressure sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RTOP005V7 Datasheet(HTML) 3 Page - Sensortechnics GmbH

  RTOP005V7 Datasheet HTML 1Page - Sensortechnics GmbH RTOP005V7 Datasheet HTML 2Page - Sensortechnics GmbH RTOP005V7 Datasheet HTML 3Page - Sensortechnics GmbH RTOP005V7 Datasheet HTML 4Page - Sensortechnics GmbH RTOP005V7 Datasheet HTML 5Page - Sensortechnics GmbH RTOP005V7 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
E / 11714 / A
RTO Series
www.sensortechnics.com
Stainless steel pressure sensors
Specification notes:
1.
2.
3.
4.
5.
6.
7.
8.
9.
Span is the algebraic difference between the output voltage at full scale pressure and the output at zero pressure. Full scale
span is ratiometric to the supply voltage.
Linearity is based on Best fit Straight Line from the zero to the full scale pressure. Hysteresis is the maximum output
difference at any point within the operating pressure range for increasing and decreasing pressure.
Maximum error band of the offset voltage or span over the compensated temperature range, relative to the 25°C reading.
Long term stability over a six month period.
Response time for a step change from the zero pressure to the full scale pressure .
The maximum pressure that can be applied without changing the transducer´s performance or accuracy.
The maximum pressure that can be applied to a transducer without rupture of either the sensing element or transducer case.
Common mode voltage as measured from output to ground.
Absolute devices with improved zero pressure offset values are available on request. Please contact your nearest
Sensortechnics sales office for further information.
PERFORMANCE CHARACTERISTICS
(V
S = 10 VDC ± 0.01 VDC, tamb = 25°C)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T
.
x
a
M
s
t
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Zi
s
p
0
1
o
t
p
u
s
e
c
i
v
e
d
ll
a5
.
1
-0
5
.
1
+
V
m
s
e
c
i
v
e
d
.
.
.
A
.
.
.
O
T
R
ll
a
9
0
.
2
-0
0
.
2
-
s
r
e
h
t
o
ll
a0
.
1
-0
0
.
1
-
n
a
p
s
e
l
a
c
s
ll
u
F
1
s
e
c
i
v
e
d
i
s
p
5
d
n
a
i
s
p
38
40
52
5
s
r
e
h
t
o
ll
a8
90
0
12
0
1
y
t
i
r
a
e
n
il
-
n
o
N
2
1
.
0
±5
2
.
0
±
O
S
F
%
s
i
s
e
r
e
t
s
y
h
e
r
u
s
s
e
r
P
2
5
1
0
.
0
±0
3
0
.
0
±
s
t
c
e
f
f
e
l
a
m
r
e
h
T
3
s
e
c
i
v
e
d
i
s
p
5
d
n
a
i
s
p
3t
e
s
f
f
O0
.
2
±
)
C
°
2
8
o
t
0
(n
a
p
S0
.
2
±
s
r
e
h
t
o
ll
at
e
s
f
f
O5
.
0
±0
.
1
±
n
a
p
S5
.
0
±0
.
1
±
)
C
°
2
8
o
t
0
(
s
i
s
e
r
e
t
s
y
h
l
a
m
r
e
h
T
1
.
0
±3
.
0
±
y
t
il
i
b
a
t
a
e
p
e
R
0
1
0
.
0
±0
3
0
.
0
±
n
a
p
s
d
n
a
t
e
s
f
f
o
f
o
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
4
1
.
0
±3
.
0
±
)
%
0
9
o
t
0
1
(
e
m
i
t
e
s
n
o
p
s
e
R
1
.
0s
m
e
c
n
a
d
e
p
m
i
t
u
p
n
I0
.
85
20
5
k
Ω
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O0
.
35
.
40
.
6
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
8
5
.
03
.
10
.
2V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com