Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDPRO4VAP1S Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # MDPRO4VAP1S
Description  Normally closed proportional solenoid valve
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

MDPRO4VAP1S Datasheet(HTML) 4 Page - Sensortechnics GmbH

  MDPRO4VAP1S Datasheet HTML 1Page - Sensortechnics GmbH MDPRO4VAP1S Datasheet HTML 2Page - Sensortechnics GmbH MDPRO4VAP1S Datasheet HTML 3Page - Sensortechnics GmbH MDPRO4VAP1S Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MD PRO
Normally closed proportional solenoid valve
4/4
October 2006 / 253
www.sensortechnics.com
ORDERING INFORMATION
s
e
i
r
e
S
.
o
n
l
e
d
o
M
r
e
m
o
t
s
a
l
E
n
o
i
t
c
e
l
e
s
l
i
o
C
l
a
c
i
r
t
c
e
l
E
e
c
a
f
r
e
t
n
i
c
i
t
a
m
u
e
n
P
e
c
a
f
r
e
t
n
i
g
n
i
n
a
e
l
C
.
x
a
M
e
r
u
s
s
e
r
p
e
c
i
f
i
r
O
e
z
i
s
.
x
a
M
*
e
g
a
t
l
o
v
-
s
i
s
e
R
*
*
e
c
n
a
t
*
*
*
t
n
e
r
r
u
C
s
n
o
i
t
p
OO
R
P
D
M
:
4
d
i
s
p
5
7"
0
4
0
.
0
)
m
m
6
1
0
.
1
(
:
V
M
K
F
:
A
V
5
.
5
C
D
1
1
Ω
A
4
0
3
.
0
:
F
,
s
d
a
e
l
e
r
i
w
"
8
1
:
1
d
l
o
f
i
n
a
m
h
t
i
w
t
n
u
o
m
*
s
n
e
e
r
c
s
:
S
d
r
a
d
n
a
t
s
g
n
i
n
a
e
l
c
:
5
d
i
s
p
0
0
1"
0
5
0
.
0
)
m
m
0
7
2
.
1
(
:
B
V
8
C
D
3
2
Ω
A
2
1
2
.
0
:
6
d
i
s
p
0
5"
5
6
0
.
0
)
m
m
1
5
6
.
1
(
:
C
V
5
.
1
1
C
D
7
4
Ω
A
2
5
1
.
0
:
P
d
r
a
o
b
C
P
t
n
u
o
m
:
8
s
b
r
a
b
"
8
/
1
:
O
n
e
g
y
x
o
*
e
c
i
v
r
e
s
:
D
V
5
.
3
1
C
D
8
6
Ω
A
5
2
1
.
0
:
E
V
0
2
C
D
6
3
1
Ω
A
1
9
0
.
0
:
F
V
9
2
C
D
4
7
2
Ω
A
6
6
0
.
0
ll
u
f
s
u
o
u
n
i
t
n
o
c
r
o
f
e
g
a
t
l
o
v
.
x
a
m
*
C
°
5
5
.
p
m
e
t
t
n
e
i
b
m
a
,
w
o
l
f
.
p
m
e
t
m
o
o
r
r
o
f
e
c
n
a
t
s
i
s
e
r
l
i
o
c
*
*
w
o
l
f
ll
u
f
r
o
f
t
n
e
r
r
u
c
t
u
p
n
i
*
*
*
n
e
e
r
c
s
m
µ
3
4
*
)
2
t
r
o
p
(
ll
i
w
n
o
i
t
p
o
s
i
h
t
*
;
e
c
i
r
p
t
c
e
f
f
a
t
c
a
t
n
o
c
s
c
i
n
h
c
e
t
r
o
s
n
e
S
s
l
i
a
t
e
d
r
o
f
:
e
l
p
m
a
x
E
O
R
P
D
M
4
V
A
F
8
S
ELECTRICAL INTERFACE OPTIONS
MDPRO...F...
(Wire leads,
no terminals)
MDPRO...1...
(No barbs, face seal
to manifold with screeen)
PNEUMATIC INTERFACE OPTIONS
MDPRO...8...
(0.125" barbs,
1/8" I.D. tubing, 1/4" O.D. max)
MDPRO...P...
(PC mount, 4 pins)
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Note: Not all combinations might be available.
Please contact your nearest Sensortechnics sales representative for further information.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com