Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9030AD Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # PS9030AD
Description  OEM silicon stainless steel pressure sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PS9030AD Datasheet(HTML) 3 Page - Sensortechnics GmbH

  PS9030AD Datasheet HTML 1Page - Sensortechnics GmbH PS9030AD Datasheet HTML 2Page - Sensortechnics GmbH PS9030AD Datasheet HTML 3Page - Sensortechnics GmbH PS9030AD Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PS9000 Series
OEM silicon stainless steel pressure sensor
3/4
December 2006 / 541
www.sensortechnics.com
OUTLINE DRAWING
Specification notes:
1.
2.
3.
4.
5.
6.
7.
8.
9.
IP54 (NEMA4X) protection is given when the connector is locked. For proper function the gage port is vented to the
atmosphere through the connector/cable assembly. Thus the cable end must have access to the ambient pressure.
The maximum pressure that can be applied without changing the transducer´s performance or accuracy.
The maximum pressure that can be applied to a transducer without rupture of either the sensing element or transducer case.
Span is the algebraic difference between the output voltage at full scale pressure and the output at zero pressure. Span is
ratiometric to the supply voltage
Linearity is based on Best fit Straight Line. Hysteresis is the maximum output difference at any point within the operating
pressure range for increasing and decreasing pressure.
Maximum error band of the offset voltage or span over the compensated temperature range, relative to the 25°C reading.
Long term stability over a one year period.
Response time for step change from the zero pressure to the full scale pressure.
Other materials on special request. When using devices with optional nickel plated fittings, consider the media compatibility
of the fittings also.
N
O
I
T
C
E
N
N
O
C
L
A
C
I
R
T
C
E
L
E
n
i
Pn
o
i
t
c
e
n
n
o
C
1s
V
+
2+
t
u
o
V
3-
t
u
o
V
4s
V
-
dimensions in mm (inches)
o-ring grove for o-ring
11.8 x 1.8 (0.456 x 0.071)
(ZA004029)
Detail A
Detail A
6.5
(0.26)
vent hole¹
4
2
1
3
47 (1.85)
NOM 67 (2.64)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com