Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCX01DN Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # SCX01DN
Description  Precision compensated pressure sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SCX01DN Datasheet(HTML) 1 Page - Sensortechnics GmbH

  SCX01DN Datasheet HTML 1Page - Sensortechnics GmbH SCX01DN Datasheet HTML 2Page - Sensortechnics GmbH SCX01DN Datasheet HTML 3Page - Sensortechnics GmbH SCX01DN Datasheet HTML 4Page - Sensortechnics GmbH SCX01DN Datasheet HTML 5Page - Sensortechnics GmbH SCX01DN Datasheet HTML 6Page - Sensortechnics GmbH SCX01DN Datasheet HTML 7Page - Sensortechnics GmbH SCX01DN Datasheet HTML 8Page - Sensortechnics GmbH SCX01DN Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SCX Series
Precision compensated pressure sensors
1/10
August 2005 / 053
www.sensortechnics.com
FEATURES
· 0...1 to 0...150 psi
· Precision temperature
compensation
· Calibrated zero and span
· Small size
· Low noise
· High accuracy
· High impedance for
low power applications
APPLICATIONS
· Medical equipment
· Barometry
· Computer peripherals
· Pneumatic control
·HVAC
Note: The polarity indicated is for pressure applied to port B
(for absolute devices pressure is applied to port A
and the output polarity is reversed.)
Scale:
1 cm
½ inch
GENERAL DESCRIPTION
The SCX series sensors will provide a very
cost effective solution for pressure
applications that require high accuracy over
a wide temperature range. These internally
calibrated and temperature compensated
sensors were specifically designed to
provide an accurate and stable output over
a 0°C to 70°C temperature range. This series
is intended for use with non-corrosive, non-
ionic working fluids such as air, dry gases,
and the like.
Devices are available to measure absolute,
differential, and gage pressures from 1 psi
(SCX01) up to 150 psi (SCX150). The abso-
lute (A) devices have an internal vacuum
reference and an output voltage propor-
tional to absolute pressure. The differential
(D) devices allow application of pressure
to either side of the pressure sensing
diaphragm and can be used for gage or
differential pressure measurements.
The SCX devices feature an integrated cir-
cuit sensor element and laser trimmed thick
film ceramic housed in a compact nylon
case. This package provides excellent
corrosion resistance and provides isolation
to external package stresses. The package
has convenient mounting holes and pres-
sure ports for ease of use with standard
plastic tubing for pressure connection.
All SCX devices are calibrated for span to
within ±1 % and provide a very low zero
pressure output of ±300 microvolts
maximum. Thus, for many applications no
trimming networks are required in the signal
conditioning circuitry. If the application
requires extended temperature range
operation, beyond 0 to 70°C, two pins which
provide an output voltage proportional to
temperature are available for use with
external circuitry.
The output of the bridge is ratiometric to the
supply voltage and operation from any D.C.
supply voltage up to +20 V is acceptable.
Because these devices have very low
noise and excellent temperature compen-
sation, they are ideal for medical and other
high performance applications. The 100
microsecond response time also makes this
series an excellent choice for computer peri-
pherals and pneumatic control applications.
Pin 1) Temperature output (+)
Pin 2) V
S
Pin 3) Output (+)
Pin 4) Ground
Pin 5) Output (-)
Pin 6) Temperature output (-)
Bottom view
1 2 3 4 5 6
EQUIVALENT CIRCUIT
ELECTRICAL CONNECTION
3
Vs
5
2
4
1
6


Similar Part No. - SCX01DN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCX01DN ETC1-SCX01DN Datasheet
209Kb / 10P
Precision Compensated Pressure Sensors
logo
Sensortechnics GmbH
SCX01DNC SENSORTECHNICS-SCX01DNC Datasheet
111Kb / 4P
Low cost compensated pressure sensors
More results

Similar Description - SCX01DN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCX01DN ETC1-SCX01DN Datasheet
209Kb / 10P
Precision Compensated Pressure Sensors
logo
Sensortechnics GmbH
HDOM010AE8H SENSORTECHNICS-HDOM010AE8H Datasheet
77Kb / 5P
Precision compensated pressure sensors
RCOB001A SENSORTECHNICS-RCOB001A Datasheet
102Kb / 5P
Precision compensated pressure sensors
RDOB001A2 SENSORTECHNICS-RDOB001A2 Datasheet
140Kb / 5P
Precision compensated pressure sensors
RMOB001AND SENSORTECHNICS-RMOB001AND Datasheet
136Kb / 10P
Precision compensated pressure sensors
HDOM010P SENSORTECHNICS-HDOM010P Datasheet
75Kb / 5P
Precision compensated pressure sensors
HROM025 SENSORTECHNICS-HROM025 Datasheet
107Kb / 5P
Precision compensated pressure sensors
HDOM010-P SENSORTECHNICS-HDOM010-P Datasheet
75Kb / 5P
Precision compensated pressure sensors
PCOH004DP SENSORTECHNICS-PCOH004DP Datasheet
60Kb / 3P
Precision compensated pressure sensors
PMOH004 SENSORTECHNICS-PMOH004 Datasheet
60Kb / 3P
Precision compensated pressure sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com