Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCX05DN Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # SCX05DN
Description  Precision compensated pressure sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SCX05DN Datasheet(HTML) 4 Page - Sensortechnics GmbH

  SCX05DN Datasheet HTML 1Page - Sensortechnics GmbH SCX05DN Datasheet HTML 2Page - Sensortechnics GmbH SCX05DN Datasheet HTML 3Page - Sensortechnics GmbH SCX05DN Datasheet HTML 4Page - Sensortechnics GmbH SCX05DN Datasheet HTML 5Page - Sensortechnics GmbH SCX05DN Datasheet HTML 6Page - Sensortechnics GmbH SCX05DN Datasheet HTML 7Page - Sensortechnics GmbH SCX05DN Datasheet HTML 8Page - Sensortechnics GmbH SCX05DN Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SCX Series
Precision compensated pressure sensors
4/10
August 2005 / 053
www.sensortechnics.com
Physical construction (cutaway diagram) (not drawn to scale)
The following circuits show some typical designs using the SCX
series sensors. For specific applications information or assistance,
please contact your nearest Sensym sales office or the Sensym
factory.
Low pressure applications
For sensing pressures below 1 psi, the circuit shown in Figure A
uses the SCX01DN to provide a 2 to 5 V output for a 0 to 10 inch of
water column input pressure. This output signal is compatible with
many A/D converters and hence can be used to interface to a
microprocessor system. This low-cost circuit is easily adaptable to
lower full-scale pressures down to 5 inches of water column.
Circuit description
The LM10 is used to provide a voltage reference for the excitation
voltage (V
E), and for the voltage node VREF. With this configuration,
V
E and VREF are not affected by noise or voltage variations in the 12
V power supply. R
3 is used to adjust VREF to set the initial offset
voltage at the output, V
OUT.
The pressure signal, V
IN, is amplified by amplifiers B1, and B2 (see
Sensym Application Note SSAN-17A for details on this amplifier)
R
2 is used to adjust the signal gain of the circuit. The output equation
is given below.
V
OUT = VIN
[ 2 (1+ R/
R1)]+VREF
For the best circuit performance, a careful selection of components
in necessary. Use wirebound pots of insure low temperature
coefficients and low longterm drift. A five-element resistor array
(10k
Ω) SIP should be used for the resistors in the amplifier stage in
order to obtain closely matched values and temperature coefficients.
All other resistors should be 1% metal film. Amplifiers B
1, and B2
should have low offset voltage and low noise. Signal lines should
be as short as possible and the power supply should be capacitively
bypassed on the PC board.
Adjustment procedure
1.
With zero-pressure applied, adjust the offset adjust R
3,
until V
OUT = 2.000 V
2.
Apply full-scale pressure (10 in. W.C) to port B
1 and adjust the
full-scale adjust R
2, so that VOUT = 5.000 V.
3.
Repeat procedure if necessary.
Medical applications
For blood pressure monitoring applications, the circuit shown in
Figure B provides a 0.5 V to 3.5 V output for a 0 to 300 mm Hg input
pressure. The circuit is easily calibrated and is not affected by
changes in the voltage supply. Because 300 mm Hg is approximately
5.8 psi, an SCX05DN is used.
Circuit description
The circuit shown here in Figure B is very similar to that shown in
Figure A. The internal 200 mV reference voltage of the LM10 is
amplified to provide power to the sensor and to provide a voltage
reference, V
REF. This allows the circuit to operate at a supply voltage
between 5 and 20 volts without affecting performance of the circuit.
By adjusting R
3, VREF is used to set the initial zero-pressure voltage
at V
OUT. The pressure signal, VIN, is amplified by amplifiers B1 and
B
2. These amplifiers should be precision op amps with low offset
voltages and high common-mode rejection. The signal gain is
adjusted by R
2, and the overall equation for the output voltage is
given by ,
V
OUT = VIN
[ 2 (1+ R/
R1)]+VREF
Adjustment procedure
1.
With zero-pressure applied, adjust the offset adjust
R
3, until VOUT = 0.500 V
2.
Apply full-scale pressure (300 mm Hg) to port B
1 and adjust
R
2, until VOUT = 3.500 V.
3.
Repeat procedure if necessary.
APPLICATION INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com