Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LW3BVCF8 Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # LW3BVCF8
Description  Normally open proportional solenoid valve
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

LW3BVCF8 Datasheet(HTML) 4 Page - Sensortechnics GmbH

  LW3BVCF8 Datasheet HTML 1Page - Sensortechnics GmbH LW3BVCF8 Datasheet HTML 2Page - Sensortechnics GmbH LW3BVCF8 Datasheet HTML 3Page - Sensortechnics GmbH LW3BVCF8 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Lone Wolf
Normally open proportional solenoid valve
4/4
October 2006 / 262
www.sensortechnics.com
ORDERING INFORMATION
d
r
a
d
n
a
t
S
.
o
n
l
e
d
o
M
l
a
i
r
e
t
a
M
r
e
m
o
t
s
a
l
E
l
i
o
C
n
o
i
t
c
e
l
e
s
l
a
c
i
r
t
c
e
l
E
e
c
a
f
r
e
t
n
i
c
i
t
a
m
u
e
n
P
e
c
a
f
r
e
t
n
i
.
x
a
M
e
r
u
s
s
e
r
p
e
c
i
f
i
r
O
l
i
o
C
e
g
a
t
t
a
W
s
n
o
i
t
p
OW
L
:
1
i
s
p
0
1"
4
2
0
.
0
)
m
m
0
1
6
.
0
(
W
5
.
0
:
B
s
s
a
r
B
:
V
M
K
F
:
A
1
1
Ω
:
F
,
s
d
a
e
l
e
r
i
w
"
9
1
-
8
1
:
0
d
l
o
f
i
n
a
m
t
n
u
o
m
:
2
i
s
p
0
2"
0
3
0
.
0
)
m
m
2
6
7
.
0
(
W
1
:
B
3
2
Ω
:
3
i
s
p
5
2"
6
3
0
.
0
)
m
m
4
1
9
.
0
(
W
2
:
C
7
4
Ω
:
P
d
r
a
o
b
C
P
,
t
n
u
o
m
s
n
i
p
C
P
4
:
1
d
l
o
f
i
n
a
m
h
t
i
w
t
n
u
o
m
*
s
n
e
e
r
c
s
:
D
8
6
Ω
:
F
4
7
2
Ω
:
8
s
b
r
a
b
"
8
/
1
ll
i
w
n
o
i
t
p
o
s
i
h
t
*
e
c
i
r
p
t
c
e
f
f
a
:
e
l
p
m
a
x
E
W
L
1
B
V
A
F
8
ELECTRICAL INTERFACE OPTIONS
LW...F...
(Wire leads,
no terminals)
PNEUMATIC INTERFACE OPTIONS
LW...P...
(PC mount, 4 pins)
LW...0
(No barbs,
face seal to manifold)
LW...8
(0.125" barbs, 1/8" I.D.
tubing, 1/4" O.D. max)
LW...1
(No barbs,
face seal to manifold
with screen)
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Note: Not all combinations might be available.
Please contact your nearest Sensortechnics sales representative for further information.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com