Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCX15DN Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # SCX15DN
Description  Precision compensated pressure sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SCX15DN Datasheet(HTML) 2 Page - Sensortechnics GmbH

  SCX15DN Datasheet HTML 1Page - Sensortechnics GmbH SCX15DN Datasheet HTML 2Page - Sensortechnics GmbH SCX15DN Datasheet HTML 3Page - Sensortechnics GmbH SCX15DN Datasheet HTML 4Page - Sensortechnics GmbH SCX15DN Datasheet HTML 5Page - Sensortechnics GmbH SCX15DN Datasheet HTML 6Page - Sensortechnics GmbH SCX15DN Datasheet HTML 7Page - Sensortechnics GmbH SCX15DN Datasheet HTML 8Page - Sensortechnics GmbH SCX15DN Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SCX Series
Precision compensated pressure sensors
2/10
August 2005 / 053
www.sensortechnics.com
Specification notes:
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
11.
12.
COMMON PERFORMANCE CHARACTERISTICS1
Characteristic
Zero pressure offset12
Combined linearity and hysteresis4
Temperature effect on span (0 - 70°C)5
Temperature effect on offset (0 - 70°C)5
Repeatability6
Input impedance7
Output impedance8
Common-mode voltage9
Response time10
Long term stability of offset and span11
Min.
-300
---
---
---
---
---
---
5.8
---
---
Typ.
0
±0.1
±0.2
±100
±0.2
4.0
4.0
6.0
100
±0.1
Max.
+300
±0.5
±1.0
±500
±0.5
---
---
6.2
---
---
Unit
µV
%FSO
%FSO
µV
%FSO
k
Ω
k
Ω
V
DC
µsec
mV
Maximum ratings (for all devices)
Environmental specifications (for all devices)
Supply voltage V
S
+20 V
DC
Temperature range
Common-mode pressure
50 psig
Compensated
0 to 70°C
Lead temperature (soldering, 4 seconds)
250°C
Operating
-40°C to +85°C
Storage
-55°C to +125°C
Humidity limits (no condensation)
0 to 99 %RH
PRESSURE SENSOR CHARACTERISTICS1
STANDARD PRESSURE RANGES
Part Number
SCX01DN
SCX05DN
SCX15AN
SCX15DN
SCX30AN
SCX30DN
SCX100AN
SCX100DN
SCX150DN
Operating pressure
0 - 1 psid
0 - 5 psid
0 - 15 psia
0 - 15 psid
0 - 30 psia
0 - 30 psid
0 - 100 psia
0 - 100 psid
0 - 150 psid
Proof pressure2
20 psid
20 psid
30 psia
30 psid
60 psia
60 psid
150 psia
150 psid
150 psid
Full-scale span1,3
Typ.
18 mV
60 mV
90 mV
90 mV
90 mV
90 mV
100 mV
100 mV
90 mV
Min.
17.82 mV
59.4 mV
89.1 mV
89.1 mV
89.1 mV
89.1 mV
99.0 mV
99.0 mV
89.0 mV
Max.
18.18 mV
60.6 mV
90.9 mV
90.9 mV
90.9 mV
90.9 mV
101.0 mV
101.0 mV
91.0 mV
Reference conditions: unless otherwise noted: supply voltage, V
S = 12 V, TA = 25°C, common-mode line pressure = 0 psig,
pressure applied to Port B. For absolute devices only, pressure is applied to Port A and the output polarity is reversed.
Maximum pressure above which causes permanent sensor failure.
Span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure. Span
is ratiometric to the supply voltage.
See Definition of Terms. Hysteresis - the maximum output difference at any point within the operating pressure range for
increasing and decreasing pressure.
Maximum error band of the offset voltage and the error band of the span, relative to the 25°C reading.
Maximum difference in output at any pressure with the operating pressure range and temperature within 0°C to +50°C after:
a) 1,000 temperature cycles, 0°C to +70°C
b)
1.5 million pressure cycles, 0 psi to full-scale span
Input impedance is the impedance between pins 2 and 4.
Output impedance is the impedance between pins 3 and 5.
This is the common-mode voltage of the output arms (pins 3 and 5) for V
S = 12 VDC.
Response time for a 0 psi to full-scale span pressure step change, 10 % to 90 % rise time.
Long term stability over a one year period.
Maximum zero pressure offset for absolute devices is 0 ±500 µV.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com