Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9010GD Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # PS9010GD
Description  OEM silicon stainless steel pressure sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PS9010GD Datasheet(HTML) 1 Page - Sensortechnics GmbH

  PS9010GD Datasheet HTML 1Page - Sensortechnics GmbH PS9010GD Datasheet HTML 2Page - Sensortechnics GmbH PS9010GD Datasheet HTML 3Page - Sensortechnics GmbH PS9010GD Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PS9000 Series
OEM silicon stainless steel pressure sensor
1/4
December 2006 / 541
www.sensortechnics.com
Scale:
1 cm
1 inch
FEATURES
· 0...5 psi to 0...500 psi gage
-15...15 psi to -15...100 psi gage
0...15 psi to 0...500 psi absolute
· Calibrated and temperature
compensated
· Small size
· Field interchangeable
· Reliable semiconductor technology
SPECIFICATIONS
Maximum ratings
Supply voltage
Temperature limits
Storage
Operating
Compensated
Humidity limits
Vibration (5 Hz to 500 Hz)
Mechanical shock
Life
Insulation resistance at 50 V
DC
ELECTRICAL CONNECTION
15 V
-55°C to 100°C
-40°C to 100°C
0°C to 82°C
0 - 98 %RH
10 g
RMS
50 g for 11 msec
min. 1 million cycles
min. 100 M
Ω
SERVICE
Pressure inlet:
all media compatible with
stainless steel 1.4401 (316)9
Housing:
stainless steel, protection class
IP54, according to DIN40050
respectively NEMA4X1
Output
+
(2)
(4)
Vs
-
(1)
(3)


Similar Part No. - PS9010GD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9013 RENESAS-PS9013 Datasheet
999Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
PS9013-F3 RENESAS-PS9013-F3 Datasheet
999Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
PS9013-V RENESAS-PS9013-V Datasheet
999Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
PS9013-V-F3 RENESAS-PS9013-V-F3 Datasheet
999Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
PS9013-Y-AX RENESAS-PS9013-Y-AX Datasheet
999Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
More results

Similar Description - PS9010GD

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTEM9100G4CXS SENSORTECHNICS-CTEM9100G4CXS Datasheet
75Kb / 4P
OEM stainless steel submersible pressure transducers
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
Stainless steel pressure sensors
PS2005AA SENSORTECHNICS-PS2005AA Datasheet
171Kb / 5P
OEM silicon stainless steel pressure sensor
SSC1001GA SENSORTECHNICS-SSC1001GA Datasheet
97Kb / 2P
Temperature compensated silicon stainless steel pressure sensors
SSC2035AA SENSORTECHNICS-SSC2035AA Datasheet
132Kb / 3P
Temperature compensated silicon stainless steel pressure sensors
logo
Honeywell Solid State E...
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
Stainless Steel Pressure Sensors
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
Stainless Steel Pressure Sensors
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
Stainless Steel Pressure Sensors
logo
TE Connectivity Ltd
MS5607-02BA03 TEC-MS5607-02BA03 Datasheet
472Kb / 20P
Barometric Pressure Sensor, with stainless steel cap
MS5611-01BA03 TEC-MS5611-01BA03 Datasheet
572Kb / 22P
Barometric Pressure Sensor, with stainless steel cap
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com