Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCX100DN Datasheet(PDF) 10 Page - Sensortechnics GmbH

Part # SCX100DN
Description  Precision compensated pressure sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SCX100DN Datasheet(HTML) 10 Page - Sensortechnics GmbH

Back Button SCX100DN Datasheet HTML 2Page - Sensortechnics GmbH SCX100DN Datasheet HTML 3Page - Sensortechnics GmbH SCX100DN Datasheet HTML 4Page - Sensortechnics GmbH SCX100DN Datasheet HTML 5Page - Sensortechnics GmbH SCX100DN Datasheet HTML 6Page - Sensortechnics GmbH SCX100DN Datasheet HTML 7Page - Sensortechnics GmbH SCX100DN Datasheet HTML 8Page - Sensortechnics GmbH SCX100DN Datasheet HTML 9Page - Sensortechnics GmbH SCX100DN Datasheet HTML 10Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SCX Series
Precision compensated pressure sensors
10/10
August 2005 / 053
www.sensortechnics.com
Description
Xmas tree clip
6-pin right angle socket
Pressure tubing clamp
ORDERING INFORMATION
To order, use the following part number(s)
Description
0 to 1 psi differential/gage
0 to 5 psi differential/gage
0 to 15 psi absolute
0 to 15 psi differential/gage
0 to 30 psi absolute
0 to 30 psi differential/gage
0 to 100 psi absolute
0 to 100 psi differential/gage
0 to 150 psi differential/gage
Part number
SCX01DN
SCX05DN
SCX15AN
SCX15DN
SCX30AN
SCX30DN
SCX100AN
SCX100DN
SCX150DN
Part number
SCXCLIP
SCXCNCT
SCXSNP1
SenSym and Sensortechnics reserve the right to make changes to any products herein. SenSym and Sensortechnics do not assume any
liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent
rights nor the rights of others.
PHYSICAL DIMENSIONS
mass: 10 g
dimensions in inches (mm)
Mounting accessories



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com