Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T-11-622-R-SFC Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # T-11-622-R-SFC
Description  622Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (5V)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

T-11-622-R-SFC Datasheet(HTML) 1 Page - Source Photonics, Inc.

  T-11-622-R-SFC Datasheet HTML 1Page - Source Photonics, Inc. T-11-622-R-SFC Datasheet HTML 2Page - Source Photonics, Inc. T-11-622-R-SFC Datasheet HTML 3Page - Source Photonics, Inc. T-11-622-R-SFC Datasheet HTML 4Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
622Mbps PIN-TIA Receiver Modules-
Receptacle & Pigtailed (5V)
T-11-622-R/P-XXX
Parameter
Symbol
Min
Typical
Max
Unit
Test Condition
Detection Range
1100
1310
1650
nm
-
Gain @ 10 Mbps Differential
G
-
21
-
V/mW
λ=1310nm
Bandwidth (to -3dB point)
BW
450
580
750
MHz
-
Saturation Power
Psat
-3
0
-
dBm
λ=1310nm
Sensitivity
Sens
-
-31.5
-29
dBm
BER=10-10 @ 622Mbps
Output Resistance
Rout
-
50
65
ohm
-
AC/Optical and Electrical Characteristics( Tc=25ºC )
Features
• InGaAs/InP PIN Photodiode with transimpedance amplifier
• High sensitivity with AGC*
• Differential ended output
• Single +5V operation
• -40 to +85ºC operating temperature
• FC/ST/SC ROSA package
• SM/MM fiber pigtailed with optional FC/ST/SC connector
• 622Mbps SDH/SONET/ATM receivers application
Parameter
Symbol
Value
Unit
Supply Voltage
V
CC
5
V
Operating Temperature
T
opr
-40 to +85
ºC
Storage Temperature
T
stg
-40 to +85
ºC
Absolute Maximum Rating (Tc=25ºC )
Model
Package
Fiber
Connector
T-11-622-R-SFC
T-11-622-R-SS vT
T-11-622-R-SSC
Receptacle
-
FC
ST
SC
T-11-622-P-S(M)FC
T-11-622-P-S(M)ST
T-11-622-P-S(M)SC
T-11-622-P-S(M)
Pigtailed
SM (MM)
FC
ST
SC
-
Connector Options
(Operating at V
cc=5V , Tc=25ºC, λ=1310nm, 9/125µm SM fiber)
Parameter
Symbol
Min
Typical
Max
Unit
Power Supply
V
CC
4.5
5
5.5
V
Differential Output Voltage
Vd
-0.1
-
1
V
Supply Current (no load)
I
CC
20
-
45
mA
DC Electrical Characteristics( Tc=25ºC )


Similar Part No. - T-11-622-R-SFC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
T-11-622-R-SFC SOURCE-T-11-622-R-SFC Datasheet
403Kb / 4P
622Mbps PIN-TIA Receiver Modules (5V)
T-11-622-R-SFC-G5 SOURCE-T-11-622-R-SFC-G5 Datasheet
403Kb / 4P
622Mbps PIN-TIA Receiver Modules (5V)
T-11-622-R-SFC-GR SOURCE-T-11-622-R-SFC-GR Datasheet
403Kb / 4P
622Mbps PIN-TIA Receiver Modules (5V)
T-11-622-R-SFC-O SOURCE-T-11-622-R-SFC-O Datasheet
403Kb / 4P
622Mbps PIN-TIA Receiver Modules (5V)
T-11-622-R-SFC-O-G5 SOURCE-T-11-622-R-SFC-O-G5 Datasheet
403Kb / 4P
622Mbps PIN-TIA Receiver Modules (5V)
More results

Similar Description - T-11-622-R-SFC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
T-11-622-D-SSC SOURCE-T-11-622-D-SSC Datasheet
490Kb / 3P
622Mbps PIN-TIA Receiver Modules-ROSA (5V)
T-11-1250-P-SFC SOURCE-T-11-1250-P-SFC Datasheet
613Kb / 4P
PIN-TIA Receiver Modules (5V)
T-11-622-D3-SSC SOURCE-T-11-622-D3-SSC Datasheet
522Kb / 3P
622Mbps PIN-TIA Receiver Modules-ROSA (3.3V)
T-11-155-R3-SFC-AGC SOURCE-T-11-155-R3-SFC-AGC Datasheet
335Kb / 4P
155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed
T-11-622-R3-SFC SOURCE-T-11-622-R3-SFC Datasheet
527Kb / 4P
622Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (3.3V)
T-11-1250-R3-SFC SOURCE-T-11-1250-R3-SFC Datasheet
424Kb / 4P
PIN-TIA Receiver Modules-Receptacle & Pigtailed(3.3V)
T-11-2500-R3-SFC SOURCE-T-11-2500-R3-SFC Datasheet
975Kb / 4P
2.5Gbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (3.3V)
T-11-2500-R-SFC SOURCE-T-11-2500-R-SFC Datasheet
1,020Kb / 4P
2.5Gbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (5V)
T-11-155-P-MMU-K-GR SOURCE-T-11-155-P-MMU-K-GR Datasheet
396Kb / 4P
155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed 5V without AGC
T-11-622-P-SFC-O SOURCE-T-11-622-P-SFC-O Datasheet
403Kb / 4P
622Mbps PIN-TIA Receiver Modules (5V)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com