Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T-11-622-R3-MFC Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # T-11-622-R3-MFC
Description  622Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (3.3V)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

T-11-622-R3-MFC Datasheet(HTML) 3 Page - Source Photonics, Inc.

  T-11-622-R3-MFC Datasheet HTML 1Page - Source Photonics, Inc. T-11-622-R3-MFC Datasheet HTML 2Page - Source Photonics, Inc. T-11-622-R3-MFC Datasheet HTML 3Page - Source Photonics, Inc. T-11-622-R3-MFC Datasheet HTML 4Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
T-11-622-X3-XXX-X-XX
622Mbps PIN-TIA Receiver Modules-Receptacle
& Pigtailed (3.3V)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS555-MAY0806
rev. A.1
LUMINENTOIC.COM
Packaging Dimension
Units in mm.
"O":Horizonal (Omega Housing)
Flange Type
" ":Flangeless
Connector Type
ST:ST/PC
FC:FC/PC
SC:SC/PC
" "
T-11-622-P3-XXX-X-XX



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com