Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2015VC Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # PS2015VC
Description  OEM silicon stainless steel pressure sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PS2015VC Datasheet(HTML) 5 Page - Sensortechnics GmbH

  PS2015VC Datasheet HTML 1Page - Sensortechnics GmbH PS2015VC Datasheet HTML 2Page - Sensortechnics GmbH PS2015VC Datasheet HTML 3Page - Sensortechnics GmbH PS2015VC Datasheet HTML 4Page - Sensortechnics GmbH PS2015VC Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PS2000 Series
OEM silicon stainless steel pressure sensor
5/5
December 2006 / 553
www.sensortechnics.com
NOM 64
NOM 50
27.0
3/8"
NPT
WARNING
Do not touch
diaphragm
34.0
WARNING:
Do not use case to
tighten pressure connection
1
2
3
gage
vent
hole
4
Pin
1
2
3
4
connection
+Vs
+Vout
-Vout
-Vs/case
OUTLINE DRAWING
Connector version
PS...GA
ELECTRICAL CONNECTION
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Note 10: also available as vacuum/gage version
ORDERING INFORMATION
PS2
xxx
x
x
PS2000 Series
005:
0 ... 5 psi (gage only)
010:
0 ... 10 psi (gage only)
01510:
0 ... 15 psi
03010:
0 ... 30 psi
050:
0 ... 50 psi
10010:
0 ... 100 psi
200:
0 ... 200 psi
300:
0 ... 300 psi
500:
0 ... 500 psi
Electrical connections
A:
connector version
C:
cable version
Pressure mode
A:
absolute pressure
G:
gage pressure
V:
vacuum/gage pressure
mass: typ. 190 g
dimensions in inches (mm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com