Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2100VC Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # PS2100VC
Description  OEM silicon stainless steel pressure sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PS2100VC Datasheet(HTML) 2 Page - Sensortechnics GmbH

  PS2100VC Datasheet HTML 1Page - Sensortechnics GmbH PS2100VC Datasheet HTML 2Page - Sensortechnics GmbH PS2100VC Datasheet HTML 3Page - Sensortechnics GmbH PS2100VC Datasheet HTML 4Page - Sensortechnics GmbH PS2100VC Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PS2000 Series
OEM silicon stainless steel pressure sensor
2/5
December 2006 / 553
www.sensortechnics.com
PERFORMANCE CHARACTERISTICS unless otherwise noted, V
S = 10,00 V, tamb = 25°C
PRESSURE RANGE SPECIFICATIONS
P
.
o
n
t
r
a
P
e
g
n
a
r
e
r
u
s
s
e
r
P
e
r
u
s
s
e
r
p
f
o
o
r
2
B
e
r
u
s
s
e
r
p
t
s
r
u
3
.
.
.
G
5
0
0
2
S
Pg
i
s
p
5
.
.
.
0g
i
s
p
5
1g
i
s
p
5
2
.
.
.
G
0
1
0
2
S
Pg
i
s
p
0
1
.
.
.
0g
i
s
p
0
3g
i
s
p
5
4
.
.
.
)
G
,
A
(
5
1
0
2
S
Pi
s
p
5
1
.
.
.
0i
s
p
5
4g
i
s
p
5
7
.
.
.
V
5
1
0
2
S
Pg
i
s
p
5
1
.
.
.
5
1
-g
i
s
p
5
4g
i
s
p
5
7
.
.
.
)
G
,
A
(
0
3
0
2
S
Pi
s
p
0
3
.
.
.
0i
s
p
0
9i
s
p
0
5
1
.
.
.
V
0
3
0
2
S
Pg
i
s
p
0
3
.
.
.
5
1
-g
i
s
p
0
9g
i
s
p
0
5
1
.
.
.
)
G
,
A
(
0
5
0
2
S
Pi
s
p
0
5
.
.
.
0i
s
p
0
5
1i
s
p
0
5
2
.
.
.
)
G
,
A
(
0
0
1
2
S
Pi
s
p
0
0
1
.
.
.
0i
s
p
0
0
3i
s
p
0
0
3
.
.
.
V
0
0
1
2
S
Pg
i
s
p
0
0
1
.
.
.
5
1
-g
i
s
p
0
0
3g
i
s
p
0
0
3
.
.
.
)
G
,
A
(
0
0
2
2
S
Pi
s
p
0
0
2
.
.
.
0i
s
p
0
0
6i
s
p
0
0
0
1
.
.
.
)
G
,
A
(
0
0
3
2
S
Pi
s
p
0
0
3
.
.
.
0i
s
p
0
0
9i
s
p
0
0
5
1
.
.
.
)
G
,
A
(
0
0
5
2
S
Pi
s
p
0
0
5
.
.
.
0i
s
p
0
0
2
1i
s
p
0
0
4
2
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z
2
-0
2
V
m
n
a
p
s
e
l
a
c
s
ll
u
F
4
.
.
.
G
5
0
0
2
S
P
s
e
c
i
v
e
d
r
e
h
t
o
ll
a
8
4
8
9
0
5
0
0
1
2
5
2
0
1
y
t
i
r
a
e
n
il
-
n
o
N
5
1
.
0
±3
.
0
±
O
S
F
%
s
i
s
e
r
e
t
s
y
h
e
r
u
s
s
e
r
P
5
5
1
0
.
0
±0
3
0
.
0
±
)
C
°
2
8
o
t
C
°
0
(
s
t
c
e
f
f
e
l
a
m
r
e
h
T
6
.
.
.
G
5
0
0
2
S
Pt
e
s
f
f
O
n
a
p
S
0
.
2
±
0
.
2
±
s
e
c
i
v
e
d
r
e
h
t
o
ll
at
e
s
f
f
O
n
a
p
S
5
.
0
±
5
.
0
±
0
.
1
±
0
.
1
±
)
C
°
2
8
o
t
C
°
0
(
s
i
s
e
r
e
t
s
y
h
l
a
m
r
e
h
T
1
.
0
±3
.
0
±
y
t
il
i
b
a
t
a
e
p
e
R
0
1
0
.
0
±0
3
0
.
0
±
n
a
p
s
d
n
a
t
e
s
f
f
o
f
o
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
7
1
.
0
±3
.
0
±
)
%
0
9
o
t
%
0
1
(
e
m
i
t
e
s
n
o
p
s
e
R
8
1
.
0s
m
e
c
n
a
d
e
p
m
i
t
u
p
n
I
0
.
85
20
5
k
Ω
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
0
.
35
.
40
.
6
e
g
a
t
l
o
v
t
u
p
t
u
o
e
d
o
m
n
o
m
m
o
C
3
.
00
.
5V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com