Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2300VC Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # PS2300VC
Description  OEM silicon stainless steel pressure sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PS2300VC Datasheet(HTML) 4 Page - Sensortechnics GmbH

  PS2300VC Datasheet HTML 1Page - Sensortechnics GmbH PS2300VC Datasheet HTML 2Page - Sensortechnics GmbH PS2300VC Datasheet HTML 3Page - Sensortechnics GmbH PS2300VC Datasheet HTML 4Page - Sensortechnics GmbH PS2300VC Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PS2000 Series
OEM silicon stainless steel pressure sensor
4/5
December 2006 / 553
www.sensortechnics.com
OUTLINE DRAWING
Cable version
PS...GC
ELECTRICAL CONNECTION
wire color
blank
brown
white
green
yellow
connection
shield/case
+Vs
-Vout
+Vout
-Vs
mass: typ. 190 g
dimensions in inches (mm)
Maximum
working
pressure
(psig)
7200
7200
7200
Thread
Part No.
SFIT62
SFIT64
SFIT68
Male
T1
3/8 NPT
3/8 NPT
3/8 NPT
W
Hex
3/4
3/4
3/4
in.
1.27
1.45
1.45
D
in.
0.56/0.38
0.56
0.56
R
mm.
14.2/9.7
14.2
14.2
mm.
32.3
37.0
37.0
Male
T2
1/8 NPT
1/4 NPT
1/8 BSP
OPTIONAL PIPE FITTING DRAWINGS
Material: stainless steel
316
NOM 50
NOM 67
WARNING:
Do not use case to
tighten pressure connection
34.0
WARNING
Do not touch
diaphragm
3/8"
NPT
1"
1m SHIELDED CABLE
4 x 0.25 mm²
blank: shield
brown: +Vsupply
white: -output
green: +output
yellow: -Vsupply



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com