Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC3002AA Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # SSC3002AA
Description  Temperature compensated silicon stainless steel pressure sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SSC3002AA Datasheet(HTML) 3 Page - Sensortechnics GmbH

  SSC3002AA Datasheet HTML 1Page - Sensortechnics GmbH SSC3002AA Datasheet HTML 2Page - Sensortechnics GmbH SSC3002AA Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SSC3000 Series
Temperature compensated silicon stainless steel pressure sensors
3/3
September 2004 / 029
www.sensortechnics.com
SSC3000...H or J
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
OUTLINE DRAWING
SSC3000...A
mass: 10 g
dimensions in mm
mass: 45 g
dimensions in mm
o-ring
area
2 3
1
4
4 places
solder pads
17.3
diam.
18.9
diam.
Do not
touch
diaphragm
5.1
3.1
1.4
6
12.7
NOM 50
7/8"
22.2
19
1234
21.3
12.7
SSC...H-...: 1/4"-18NPT
SSC...J-...: 1/8"-27NPT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com