Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX05DN Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # SX05DN
Description  Pressure sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SX05DN Datasheet(HTML) 5 Page - Sensortechnics GmbH

  SX05DN Datasheet HTML 1Page - Sensortechnics GmbH SX05DN Datasheet HTML 2Page - Sensortechnics GmbH SX05DN Datasheet HTML 3Page - Sensortechnics GmbH SX05DN Datasheet HTML 4Page - Sensortechnics GmbH SX05DN Datasheet HTML 5Page - Sensortechnics GmbH SX05DN Datasheet HTML 6Page - Sensortechnics GmbH SX05DN Datasheet HTML 7Page - Sensortechnics GmbH SX05DN Datasheet HTML 8Page - Sensortechnics GmbH SX05DN Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SX Series
Pressure sensors
5/10
July 2008 / 052
www.sensortechnics.com
General
The SX family of pressure sensors functions
as a Wheatstone bridge. When pressure is
applied to the device (see Figure I) the
resistors in the arms of the bridge change
by an amount
∆.
Figure I. Button sensor bridge
schematic
The resulting differential output voltage V0
is easily shown to be VO= VB x ∆. Since
the change in resistance is directly pro-
portional to pressure, VO can be written as:
VO = S x P x VB ± VOS
(1)
Where: VO is the output voltage in mV
S is the sensitivity in mV/V per psi
P is the pressure in psi
VB is the bridge voltage in volts.
VOS is the offset error (the differential output
voltage when the applied pressure is zero).
The offset voltage presents little problem in
most applications, since it can easily be
corrected for in the amplifier circuitry, or
corrected digitally if a microprocessor is
used in the system.
Temperature effects
In this discussion, for simplicity of notation,
the change of a variable with temperature
will be designated with a dot (•) over the
variable. For example,
•
change in sensitivity
δS
change in temperature
δT
From equation (1), and ignoring the VOS
term, it in seen that for a given constant
pressure, the output voltage change, as a
function of temperature*, is:
••
VO = SPVB
(2)
Thus, in order for output voltage to be inde-
pendent of temperature, the voltage across
the bridge, VB, must change with tempera-
ture in the "opposite direction” from the
sensitivity change with temperature. From
the typical curves for the temperature
dependence of span (span = S x P x VB),
APPLICATION INFORMATION
S ==
it can be seen that the sensitivity change
with temperature is slightly non-linear and
can be correlated very well with an equation
of the form:
S = SO[(1 - ßTD) + ρTD2]
(3)
where TD is the temperature difference
between 25°C and the temperature of inte-
rest, SO is the sensitivity at 25°C, and beta
(ß) and rho (
ρ) are correlation constants.
Fortunately, between 0°C and 70°C the
change in sensitivity with temperature is
quite linear, and excellent results can be
obtained over this temperature range by
ignoring the second-order temperature
dependent term. Operating outside the 0°C
and 70°C temperature range will require a
more rigorous mathematical approach and
the use of non-linear compensating cir-
cuitry, if accuracy of better than ±1 % is re-
quired. Because the majority of SX appli-
cations fall within the 0°C to 70°C operating
temperature range, the discussion and
circuit designs given here will ignore the
non-linear effects.
Thus:
S = SO (1 - ßTD)
(4)
Substituting equation (4) into equation (1)
and ignoring VOS, it can be shown that the
necessary bridge voltage, VB, will be of the
form:
VBO
(1-ßTD)
where VBO is the bridge voltage at 25°C.
This equation is again non-linear.
However, for the temperature range of
interest, and since ß is small (0.215%/°C
from the electrical tables), the above
expression can be approximated by:
VB=VBO [1 +ßTD]
with less than 1 % error. Thus to compen-
sate for a negative 2150 ppm/°C sensitivity
change with temperature, the bridge voltage
should increase with temperature at a rate
of +2150 ppm/°C.
The above value of bridge voltage change
will be used in the circuit discussions that
follow. That is to say, the required change
in terms of ppm/°C is:
•
= +2050 ppm/°C
The bridge input resistance*, RB also
changes with temperature and is quite linear
in the temperature range of interest. The
bridge resistance has a temperature
coefficient of typically:
•
= +750 ppm/°C
VB=
=VBO [(1 - ßTD + (ßTD)
2
+...)]
This term enters into several compensation
circuit equations, particularly when the
bridge excitation is from a constant current
source.
To summarize, the following list indicates
how the sensor variables can be accommo-
dated
• Full-scale span from device to device.
Make the gain adjustment in the op amp
circuitry
• Temperature coefficient of span:
1) temperature compensate the bridge or
2) temperature compensate the op amp
gain
• Offset voltage:
Adjustment in op amp circuitry
• Offset voltage temperature coefficient:
Usually can be ignored. For more precise
design requirements, contact the factory
for information on how to compensate for
this term.
Bridge compensation circuits
Although thermistors can be used to tempe-
rature compensate the bridge (and in fact
will be required for extended temperature
operation), they are inherently non-linear,
difficult to use in volume production, and
more expensive than the circuit approaches
shown here, which use inexpensive semi-
conductor devices The circuits shown have
been designed to incorporate a minimum
number of adjustments and allow inter-
changeability of devices with little variation
from device to device. In general, equations
for the bridge voltage and its change with
temperature are given to enable the user to
modify or adjust the circuitry as required.
1. Diode string (Figure II)
For systems using 6 V supplies, this method
of compensating for the effects of span over
temperature is the lowest cost solution The
diodes are small signal silicon diodes, such
as 1N914 or 1N4148, and do not have to
be matched.
Figure II. Diode String Span
Compensation
VB
VB
( )
RB
RB
( )



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com