Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX30DN Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # SX30DN
Description  Pressure sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SX30DN Datasheet(HTML) 2 Page - Sensortechnics GmbH

  SX30DN Datasheet HTML 1Page - Sensortechnics GmbH SX30DN Datasheet HTML 2Page - Sensortechnics GmbH SX30DN Datasheet HTML 3Page - Sensortechnics GmbH SX30DN Datasheet HTML 4Page - Sensortechnics GmbH SX30DN Datasheet HTML 5Page - Sensortechnics GmbH SX30DN Datasheet HTML 6Page - Sensortechnics GmbH SX30DN Datasheet HTML 7Page - Sensortechnics GmbH SX30DN Datasheet HTML 8Page - Sensortechnics GmbH SX30DN Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SX Series
Pressure sensors
2/10
July 2008 / 052
www.sensortechnics.com
Maximum ratings
Suppy voltage, V
S
+12 V
DC
Temperature ranges
Operating
-40°C to +85°C
Storage
-55°C to +125°C
Maximum pressure at any port11
150 psig
Lead temperature (soldering 4 sec.)
250 °C
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z
9
5
3
-0
2
-0
V
m
s
t
c
e
f
f
e
e
r
u
t
a
r
e
p
m
e
Tt
e
s
f
f
O4
±C
°
/
V
/
V
µ
)
C
°
0
7
o
t
0
(
7
,
4
n
a
p
S0
5
5
2
-0
5
1
2
-0
0
9
1
-
C
°
/
m
p
p
e
c
n
a
d
e
p
m
i
e
g
d
i
r
B0
9
6
+0
5
7
+0
1
8
+
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
d
e
n
i
b
m
o
C
2
2
.
0
±5
.
0
±
S
S
F
%
y
t
il
i
b
a
t
a
e
p
e
R
3
5
.
0
±
n
a
p
s
d
n
a
t
e
s
f
f
o
f
o
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
6
1
.
0
±V
m
e
c
n
a
d
e
p
m
i
t
u
p
n
I
1
.
4
k
Ω
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
1
.
4
e
m
i
t
e
s
n
o
p
s
e
R
5
1
.
0s
m
PERFORMANCE CHARACTERISTICS
(V
s = 5.0 ± 0.01 V, tamb = 25 °C, common-mode pressure = 0 psig, pressure applied to P1 for Button, N and A2
housings, pressure applied to P2 for G2 and D4 housings)
PRESSURE SENSOR CHARACTERISTICS
(V
s = 5.0 ± 0.01 V, tamb = 25 °C, common-mode pressure = 0 psig, pressure applied to P1 for Button, N and A2
housings, pressure applied to P2 for G2 and D4 housings)
r
e
b
m
u
n
t
r
a
Pe
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
Oe
r
u
s
s
e
r
p
f
o
o
r
P
8
n
a
p
s
e
l
a
c
s
-
l
l
u
F
1
.
n
i
M.
p
y
T.
x
a
M
.
.
.
1
0
X
Si
s
p
1
.
.
.
0i
s
p
0
2V
m
5
1V
m
0
2V
m
5
2
.
.
.
5
0
X
Si
s
p
5
.
.
.
0i
s
p
0
2V
m
0
5V
m
5
7V
m
0
0
1
.
.
.
5
1
X
Si
s
p
5
1
.
.
.
0i
s
p
0
3V
m
5
7V
m
0
1
1V
m
0
5
1
.
.
.
0
3
X
Si
s
p
0
3
.
.
.
0i
s
p
0
6V
m
5
7V
m
0
1
1V
m
0
5
1
.
.
.
0
0
1
X
Si
s
p
0
0
1
.
.
.
0i
s
p
0
5
1V
m
0
0
1V
m
0
5
1V
m
0
0
2
.
.
.
0
5
1
X
Si
s
p
0
5
1
.
.
.
0i
s
p
0
0
2V
m
5
7V
m
0
1
1V
m
0
5
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com