Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX100DN Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # SX100DN
Description  Pressure sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SX100DN Datasheet(HTML) 3 Page - Sensortechnics GmbH

  SX100DN Datasheet HTML 1Page - Sensortechnics GmbH SX100DN Datasheet HTML 2Page - Sensortechnics GmbH SX100DN Datasheet HTML 3Page - Sensortechnics GmbH SX100DN Datasheet HTML 4Page - Sensortechnics GmbH SX100DN Datasheet HTML 5Page - Sensortechnics GmbH SX100DN Datasheet HTML 6Page - Sensortechnics GmbH SX100DN Datasheet HTML 7Page - Sensortechnics GmbH SX100DN Datasheet HTML 8Page - Sensortechnics GmbH SX100DN Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SX Series
Pressure sensors
3/10
July 2008 / 052
www.sensortechnics.com
TYPICAL PERFORMANCE CHARACTERISTICS
Specification notes:
1.
2.
3.
4.
5.
6.
7.
8.
9.
Span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure.
Hysteresis is the maximum output difference at any point within the operating pressure range for increasing and decreasing
pressure. Linearity is the maximum deviation of measure output at constant temperature (25°C) from "Best Straight Line"
determined by three points, offset, full scale pressure and half full scale pressure.
Maximum difference in output at any pressure with the operating pressure range and temperature within 0°C to +70°C after:
a) 100 temperature cycles, 0°C to +70°C
b)
1.0 million pressure cycles, 0 psi to full scale span
Slope of the best straight line from 0°C and 70°C. For operation outside this temperature, contact Sensortechnics for more
specific applications information.
Response time for a 0 to full-scale span pressure step change.
Long term stability over a one year period .
This parameter is not 100 % tested. It is guaranteed by process design and tested on a sample basis only.
If the proof pressure is exceeded, even momentarily, the package may leak or burst, or the pressure sensing die may fracture.
Note: The proof pressure for the forward gage of all devices in the D4-package is the specified value or 100 psi, whatever is less.
The zero pressure offset is 0 mV Min, 20 mV Typ and 35 mV Max for part nos. SX...G2 and SX...D4.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com