Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX100GD2 Datasheet(PDF) 9 Page - Sensortechnics GmbH

Part # SX100GD2
Description  Pressure sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SX100GD2 Datasheet(HTML) 9 Page - Sensortechnics GmbH

Back Button SX100GD2 Datasheet HTML 2Page - Sensortechnics GmbH SX100GD2 Datasheet HTML 3Page - Sensortechnics GmbH SX100GD2 Datasheet HTML 4Page - Sensortechnics GmbH SX100GD2 Datasheet HTML 5Page - Sensortechnics GmbH SX100GD2 Datasheet HTML 6Page - Sensortechnics GmbH SX100GD2 Datasheet HTML 7Page - Sensortechnics GmbH SX100GD2 Datasheet HTML 8Page - Sensortechnics GmbH SX100GD2 Datasheet HTML 9Page - Sensortechnics GmbH SX100GD2 Datasheet HTML 10Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SX Series
Pressure sensors
9/10
July 2008 / 052
www.sensortechnics.com
PHYSICAL DIMENSIONS
Basic sensor DIP "D2" package
Basic sensor DIP "D4" package
mass: 1 g
dimensions in inches (mm)
mass: 1 g
dimensions in inches (mm)
0.020 typ.
(0.51)
0.110 typ.
(2.79)
0.380
(9.65)
0.285
(7.24)
0.090 typ.
(2.29)
0.470
(11.94)
0.050
typ.
(1.27)
0.550
(13.97)
P2
P1
0.600
(15.24)
0.01
(0.25)
0.100 typ.
(2.54)
0.300
(7.62)
0.070
(1.78)
0.135
(3.43)
0.250
(6.35)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com