Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ALVC08 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVC08
Description  QUADRUPLE 2-INPUT POSITIVE-AND GATE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC08 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALVC08 Datasheet HTML 1Page - Texas Instruments SN74ALVC08 Datasheet HTML 2Page - Texas Instruments SN74ALVC08 Datasheet HTML 3Page - Texas Instruments SN74ALVC08 Datasheet HTML 4Page - Texas Instruments SN74ALVC08 Datasheet HTML 5Page - Texas Instruments SN74ALVC08 Datasheet HTML 6Page - Texas Instruments SN74ALVC08 Datasheet HTML 7Page - Texas Instruments SN74ALVC08 Datasheet HTML 8Page - Texas Instruments SN74ALVC08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
or Y = A + B in positive logic.
D, DGV, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
RGY PACKAGE
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
4B
4A
4Y
3B
3A
1B
1Y
2A
2B
2Y
A
B
Y
SN74ALVC08
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SCES101I – JULY 1997 – REVISED OCTOBER 2004
•
Operates From 1.65 V to 3.6 V
•
Max tpd of 2.9 ns at 3.3 V
•
±24-mA Output Drive at 3.3 V
•
Latch-Up Performance Exceeds 250 mA Per
JESD 17
•
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
This quadruple 2-input positive-AND gate is designed
for 1.65-V to 3.6-V VCC operation.
The device performs the Boolean function Y = A · B
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN - RGY
Tape and reel
SN74ALVC08RGYR
VA08
Tube
SN74ALVC08D
SOIC - D
ALVC08
Tape and reel
SN74ALVC08DR
-40
°C to 85°C
SOP - NS
Tape and reel
SN74ALVC08NSR
ALVC08
TSSOP - PW
Tape and reel
SN74ALVC08PWR
VA08
TVSOP - DGV
Tape and reel
SN74ALVC08DGVR
VA08
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
Y
A
B
H
H
H
L
X
L
X
L
L
LOGIC DIAGRAM, EACH GATE (POSITIVE LOGIC)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74ALVC08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC08 TI1-SN74ALVC08 Datasheet
770Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74ALVC08 TI2-SN74ALVC08 Datasheet
335Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
REVISED JANUARY 2008
SN74ALVC08-EP TI1-SN74ALVC08-EP Datasheet
308Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74ALVC08-EP TI1-SN74ALVC08-EP Datasheet
770Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74ALVC08-EP TI2-SN74ALVC08-EP Datasheet
335Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
REVISED JANUARY 2008
More results

Similar Description - SN74ALVC08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11008 TI-74AC11008 Datasheet
76Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
REVISED APRIL 1996
74ACT11008 TI-74ACT11008 Datasheet
77Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74LVC08A-Q1 TI-SN74LVC08A-Q1 Datasheet
198Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74ALVC08 TI-SN74ALVC08_07 Datasheet
727Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74AUC08 TI-SN74AUC08_07 Datasheet
552Kb / 11P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74LV08A-EP TI1-SN74LV08A-EP Datasheet
414Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74AHCT08-EP TI1-SN74AHCT08-EP Datasheet
421Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74F08DR TI-SN74F08DR Datasheet
48Kb / 3P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
74AC11008DRG4 TI1-74AC11008DRG4 Datasheet
644Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
logo
Unisonic Technologies
U74AHCT08 UTC-U74AHCT08_15 Datasheet
195Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com