Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ALVC126 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVC126
Description  QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC126 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALVC126 Datasheet HTML 1Page - Texas Instruments SN74ALVC126 Datasheet HTML 2Page - Texas Instruments SN74ALVC126 Datasheet HTML 3Page - Texas Instruments SN74ALVC126 Datasheet HTML 4Page - Texas Instruments SN74ALVC126 Datasheet HTML 5Page - Texas Instruments SN74ALVC126 Datasheet HTML 6Page - Texas Instruments SN74ALVC126 Datasheet HTML 7Page - Texas Instruments SN74ALVC126 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SN74ALVC126
QUADRUPLE BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SCES111E – JULY 1997 – REVISED FEBRUARY 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D EPIC ™ (Enhanced-Performance Implanted
CMOS) Submicron Process
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D Package Options Include Plastic
Small-Outline (D), Thin Very Small-Outline
(DGV), and Thin Shrink Small-Outline (PW)
Packages
description
This quadruple bus buffer gate is designed for 1.65-V to 3.6-V VCC operation.
The SN74ALVC126 features independent line drivers with 3-state outputs. Each output is disabled when the
associated output-enable (OE) input is low.
To ensure the high-impedance state during power up or power down, OE should be tied to GND through a
pulldown resistor; the minimum value of the resistor is determined by the current-sourcing capability of
the driver.
The SN74ALVC126 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
(each buffer)
INPUTS
OUTPUT
OE
A
Y
H
H
H
H
LL
L
X
Z
logic symbol†
EN
1
2
1A
1Y
3
4
5
2A
2Y
6
10
9
3A
3Y
8
13
12
4A
4Y
11
1OE
2OE
3OE
4OE
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
1
Copyright
© 1999, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OE
1A
1Y
2OE
2A
2Y
GND
VCC
4OE
4A
4Y
3OE
3A
3Y
D, DGV, OR PW PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74ALVC126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC126 TI1-SN74ALVC126 Datasheet
656Kb / 15P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74ALVC126 TI2-SN74ALVC126 Datasheet
593Kb / 18P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
REVISED OCTOBER 2004
SN74ALVC126 TI2-SN74ALVC126 Datasheet
593Kb / 18P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
REVISED OCTOBER 2004
SN74ALVC126D TI1-SN74ALVC126D Datasheet
656Kb / 15P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74ALVC126D TI2-SN74ALVC126D Datasheet
593Kb / 18P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
REVISED OCTOBER 2004
More results

Similar Description - SN74ALVC126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125A TI-SN74LVC125A Datasheet
109Kb / 8P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC125 TI-SN74AUC125 Datasheet
170Kb / 9P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A TI-SN74LVC125A_07 Datasheet
1Mb / 46P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LV125A-Q1 TI1-SN74LV125A-Q1 Datasheet
638Kb / 13P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A-EP TI1-SN74LVC125A-EP Datasheet
530Kb / 12P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC126A-Q1 TI1-SN74LVC126A-Q1 Datasheet
227Kb / 10P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74ABT125Q-Q1 TI1-SN74ABT125Q-Q1 Datasheet
152Kb / 8P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC125 UTC-U74AHC125 Datasheet
212Kb / 6P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G126A POTATO-PO74G126A_14 Datasheet
1Mb / 5P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com