Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPC30GFSC Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # XPC30GFSC
Description  Precision compensated pressure sensors / mV-output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

XPC30GFSC Datasheet(HTML) 5 Page - Sensortechnics GmbH

  XPC30GFSC Datasheet HTML 1Page - Sensortechnics GmbH XPC30GFSC Datasheet HTML 2Page - Sensortechnics GmbH XPC30GFSC Datasheet HTML 3Page - Sensortechnics GmbH XPC30GFSC Datasheet HTML 4Page - Sensortechnics GmbH XPC30GFSC Datasheet HTML 5Page - Sensortechnics GmbH XPC30GFSC Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/6
June 2008 / 615
www.sensortechnics.com
XPC/XPCL Series C-grade
Precision compensated pressure sensors / mV-output
Package version A and D
(no port)
Package version DF
dimensions in
mm (inches)
mass: approx. 2 g
OUTLINE DRAWING
Package version DT
Ø 15.2
(0.60)
0.3
(0.01)
Ø 13.1
(0.52)
5.3
(0.21)
20.0
(0.8)
0.5
(0.02)
2.5
(0.10)
0.3
(0.01)
1 2 3 4
Ø 0.8
(0.03)
Ø 11.2
(0.44)
Vent (P 2)
(D only)
Denotes
interface
between pins
1 and 2
P 1
Ø 4.8
(0.19)
10.2
(0.40)
6.4
(0.25)
10.9
(0.43)
17.8
(0.70)
8.1
(0.32)
29.5
(1.16)
23.1
(0.91)
20.0
(0.8)
0.3
(0.01)
1 2 3 4
0.5
(0.02)
2.5
(0.10)
Pins 1
marked
with dot
Ø 3.9
(0.16)
P 1
P 2
P 2
26.9
(1.06)
8.4
(0.33)
10.2
(0.40)
23.1
(0.91)
29.5
(1.16)
17.8
(0.70)
Ø 4.8
(0.19)
20.0
(0.8)
0.3
(0.01)
1 2 3 4
0.5
(0.02)
2.5
(0.10)
Pins 1
marked
with dot
Ø 3.9
(0.16)
P 1
P 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com