Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPC15AFSC Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # XPC15AFSC
Description  Precision compensated pressure sensors / mV-output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

XPC15AFSC Datasheet(HTML) 1 Page - Sensortechnics GmbH

  XPC15AFSC Datasheet HTML 1Page - Sensortechnics GmbH XPC15AFSC Datasheet HTML 2Page - Sensortechnics GmbH XPC15AFSC Datasheet HTML 3Page - Sensortechnics GmbH XPC15AFSC Datasheet HTML 4Page - Sensortechnics GmbH XPC15AFSC Datasheet HTML 5Page - Sensortechnics GmbH XPC15AFSC Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
June 2008 / 615
www.sensortechnics.com
XPC/XPCL Series C-grade
Precision compensated pressure sensors / mV-output
FEATURES
· 0...4 "H
2O to 0...150 psi
gage or differential,
0...15 to 0...150 psi absolute
· Precision temperature compensated
· Calibrated offset and span
· Voltage excitation
· Excellent long term stability
ELECTRICAL CONNECTION
EQUIVALENT CIRCUIT
SERVICE
Non-corrosive, non-ionic working fluids such as
clean dry air, dry gases and the like.
The media wetted materials are:
port 1:
- front side of silicon sensor chip
- glass filled nylon
- RTV
- silgel (for devices of 5 psi and above)
- ceramic (Al
2O3)
port 2:
- silicon sensor chip
- glass filled nylon
- RTV
- ceramic (Al
2O3)
+Vs
3
+Vout
2
-Vout
4
1
-Vs
Pin 1: -Vs
Pin 2: +Vout
Pin 3: +Vs
Pin 4: -Vout
1 2 3 4
Pin 1
marked
with dot


Similar Part No. - XPC15AFSC

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
XPC15AFH SENSORTECHNICS-XPC15AFH Datasheet
103Kb / 6P
Precision compensated pressure sensors / mV-output
More results

Similar Description - XPC15AFSC

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CPC15AC SENSORTECHNICS-CPC15AC Datasheet
83Kb / 6P
Precision compensated pressure sensors / mV-output
DCXL01DS SENSORTECHNICS-DCXL01DS Datasheet
78Kb / 5P
SURSENSETM precision very low pressure sensors / mV-output
HDOM010AE8H SENSORTECHNICS-HDOM010AE8H Datasheet
77Kb / 5P
Precision compensated pressure sensors
RDOB001A2 SENSORTECHNICS-RDOB001A2 Datasheet
140Kb / 5P
Precision compensated pressure sensors
RMOB001AND SENSORTECHNICS-RMOB001AND Datasheet
136Kb / 10P
Precision compensated pressure sensors
XPC15GFH SENSORTECHNICS-XPC15GFH Datasheet
103Kb / 6P
Precision compensated pressure sensors / mV-output
HROM025 SENSORTECHNICS-HROM025 Datasheet
107Kb / 5P
Precision compensated pressure sensors
PCOH004DH SENSORTECHNICS-PCOH004DH Datasheet
61Kb / 3P
Precision compensated pressure sensors / mV-output
PCOH004DP SENSORTECHNICS-PCOH004DP Datasheet
60Kb / 3P
Precision compensated pressure sensors
PMOH004 SENSORTECHNICS-PMOH004 Datasheet
60Kb / 3P
Precision compensated pressure sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com