Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC14 Datasheet(PDF) 3 Page - Texas Instruments

Part # 74ALVC14
Description  HEX SCHMITT-TRIGGER INVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ALVC14 Datasheet(HTML) 3 Page - Texas Instruments

  74ALVC14 Datasheet HTML 1Page - Texas Instruments 74ALVC14 Datasheet HTML 2Page - Texas Instruments 74ALVC14 Datasheet HTML 3Page - Texas Instruments 74ALVC14 Datasheet HTML 4Page - Texas Instruments 74ALVC14 Datasheet HTML 5Page - Texas Instruments 74ALVC14 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SN74ALVC14
HEX SCHMITT-TRIGGER INVERTER
SCES107E – JULY 1997 – REVISED AUGUST 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
2.3 V
0.7
1.7
VT+
Positive going
2.7 V
0.8
2
V
Positive-going
threshold
3 V
0.8
2
V
threshold
3.6 V
0.8
2
2.3 V
0.35
1.3
VT–
Negative going
2.7 V
0.4
1.4
V
Negative-going
threshold
3 V
0.6
1.5
V
threshold
3.6 V
0.8
1.8
2.3 V
0.3
1
∆VT
Hysteresis
2.7 V
0.3
1.1
V
Hysteresis
(VT+ – VT–)
3 V
0.3
1.2
V
(VT+ VT–)
3.6 V
0.3
1.2
IOH = –100 µA
2.3 V to 3.6 V
VCC–0.2
IOH = –6 mA
2.3 V
2
VOH
2.3 V
1.7
V
VOH
IOH = –12 mA
2.7 V
2.2
V
3 V
2.4
IOH = –24 mA
3 V
2
IOL = 100 µA
2.3 V to 3.6 V
0.2
IOL = 6 mA
2.3 V
0.4
VOL
IOL =12mA
2.3 V
0.7
V
IOL = 12 mA
2.7 V
0.4
IOL = 24 mA
3 V
0.55
II
VI = VCC or GND
3.6 V
±5
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
10
µA
∆ICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
3 V to 3.6 V
750
µA
Ci
VI = VCC or GND
3.3 V
4
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figures 1 and 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 2.5 V
± 0.2 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
1
3.7
3.9
1
3.4
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC = 2.5 V VCC = 3.3 V
UNIT
PARAMETER
TEST CONDITIONS
TYP
TYP
UNIT
Cpd
Power dissipation capacitance per inverter
CL = 0,
f = 10 MHz
27
31
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com