Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPC01DTH Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # XPC01DTH
Description  Precision compensated pressure sensors / mV-output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

XPC01DTH Datasheet(HTML) 3 Page - Sensortechnics GmbH

  XPC01DTH Datasheet HTML 1Page - Sensortechnics GmbH XPC01DTH Datasheet HTML 2Page - Sensortechnics GmbH XPC01DTH Datasheet HTML 3Page - Sensortechnics GmbH XPC01DTH Datasheet HTML 4Page - Sensortechnics GmbH XPC01DTH Datasheet HTML 5Page - Sensortechnics GmbH XPC01DTH Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
XPC/XPCL Series H-grade
Precision compensated pressure sensors / mV-output
3/6
www.sensortechnics.com
June 2008 / 616
Package version AF and GF
dimensions in
mm (inches)
mass: approx. 2 g
OUTLINE DRAWING
Package version AFS and GFS
4.1
(0.16)
Ø 4.8
(0.19)
10.9
(0.43)
17.8
(0.70)
29.5
(1.16)
8.1
(0.32)
23.1
(0.91)
20.0
(0.8)
0.3
(0.01)
1 2 3 4
0.5
(0.02)
2.5
(0.10)
Pins 1
marked
with dot
Ø 3.9
(0.16)
P 1
Vent (P 2)
(GT only)
8.1
(0.32)
16.5
(0.65)
23.1
(0.91)
29.5
(1.16)
17.8
(0.70)
Ø 4.8
(0.19)
20.0
(0.8)
0.3
(0.01)
1 2 3 4
0.5
(0.02)
2.5
(0.10)
Pins 1
marked
with dot
Ø 3.9
(0.16)
P 1
Vent (P 2)
(GF only)
21.6
(0.85)
27.9
(1.10)
Ø 4.8
(0.19)
1.9
(0.08)
8.1
(0.32)
16.5
(0.65)
20.0
(0.8)
19.1
(0.75)
0.3
(0.01)
1 2 3 4
0.5
(0.02)
2.5
(0.10)
Pins 1
marked
with dot
Ø 3.9
(0.16)
P 1
Vent (P 2)
(GFS only)
Package version AT and GT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com