Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPC15DTH Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # XPC15DTH
Description  Precision compensated pressure sensors / mV-output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

XPC15DTH Datasheet(HTML) 2 Page - Sensortechnics GmbH

  XPC15DTH Datasheet HTML 1Page - Sensortechnics GmbH XPC15DTH Datasheet HTML 2Page - Sensortechnics GmbH XPC15DTH Datasheet HTML 3Page - Sensortechnics GmbH XPC15DTH Datasheet HTML 4Page - Sensortechnics GmbH XPC15DTH Datasheet HTML 5Page - Sensortechnics GmbH XPC15DTH Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
XPC/XPCL Series H-grade
Precision compensated pressure sensors / mV-output
2/6
June 2008 / 616
www.sensortechnics.com
.
o
n
t
r
a
P
g
n
i
t
a
r
e
p
O
e
r
u
s
s
e
r
p
f
o
o
r
P
e
r
u
s
s
e
r
p
1
t
s
r
u
B
e
r
u
s
s
e
r
p
2
n
a
p
s
e
l
a
c
s
l
l
u
F
3
.
n
i
M.
p
y
T.
x
a
M
.
.
.
0
1
L
C
P
X
H
"
0
1
2O
i
s
p
3i
s
p
5V
m
5
.
9
1V
m
0
2V
m
5
.
0
2
.
.
.
3
.
0
C
P
Xi
s
p
3
.
0i
s
p
3i
s
p
5V
m
5
.
9
1V
m
0
2V
m
5
.
0
2
.
.
.
1
0
C
P
Xi
s
p
1i
s
p
3i
s
p
5V
m
5
.
7
1V
m
8
1V
m
5
.
8
1
.
.
.
5
0
C
P
Xi
s
p
5i
s
p
5
1i
s
p
5
2V
m
9
5V
m
0
6V
m
1
6
.
.
.
5
1
C
P
Xi
s
p
5
1i
s
p
5
4i
s
p
5
7V
m
9
8V
m
0
9V
m
1
9
.
.
.
0
3
C
P
Xi
s
p
0
3i
s
p
0
9i
s
p
0
5
1V
m
9
8V
m
0
9V
m
1
9
.
.
.
0
6
C
P
Xi
s
p
0
6i
s
p
0
8
1i
s
p
0
0
3V
m
9
8V
m
0
9V
m
1
9
.
.
.
0
0
1
C
P
Xi
s
p
0
0
1i
s
p
0
5
2i
s
p
0
0
4V
m
9
9V
m
0
0
1V
m
1
0
1
.
.
.
0
5
1
C
P
Xi
s
p
0
5
1i
s
p
0
5
2i
s
p
0
0
4V
m
9
8V
m
0
9V
m
1
9
PERFORMANCE CHARACTERISTICS
V
S = 12 V, TA = 25°C, pressure applied to port P1
7
PRESSURE SENSOR CHARACTERISTICS
V
S = 12 V, TA = 25°C, pressure applied to port P1
7
Notes
1
Proof pressure is the maximum pressure which may be applied without causing durable shifts of the electrical parameters of the sensing element.
2
Burst pressure is the maximum pressure which may be applied without causing damage to the sensing element or leaks from the housing.
3
Full scale span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure.
The span is ratiometric to the supply voltage.
4
Non-linearity refers to the Best Straight Line fit measured for offset pressure, full-scale pressure and ½ full-scale pressure.
5
Shift is relative to 25°C.
6
This is the common-mode voltage of the output arms (pins 2 and 4) for V
S = 12 V.
7
For backside port devices (XPC...B...) pressure applied to P2.
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z5
.
0
-0
5
.
0
+V
m
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
-
n
o
n
d
e
n
i
b
m
o
C
4
5
2
.
0
±5
.
0
±
S
S
F
%
)
C
°
0
7
o
t
0
(
s
t
c
e
f
f
e
e
r
u
t
a
r
e
p
m
e
T
5
n
a
p
S0
.
1
±
t
e
s
f
f
O5
.
0
±V
m
e
c
n
a
t
s
i
s
e
r
t
u
p
n
I5
k
Ω
e
c
n
a
t
s
i
s
e
r
t
u
p
t
u
O
3
)
S
S
F
%
0
9
o
t
0
1
(
e
m
i
t
e
s
n
o
p
s
e
R.
.
.
L
C
P
X0
0
5
s
µ
.
.
.
C
P
X0
0
1
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
6
6V
Maximum ratings (for all devices)
Environmental specifications (for all devices)
Supply voltage V
S
3 to 16 V
Temperature range
Lead temperature (soldering 5 seconds)
315°C
Compensated
0 to 70°C
Common mode pressure
50 psig
Operating
-25 to 85°C
Storage
-40 to 125°C
Humidity limits (non-condensing)
0 to 95 %RH
SPECIFICATIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com