Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ALVC16835 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVC16835
Description  18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC16835 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74ALVC16835 Datasheet HTML 2Page - Texas Instruments SN74ALVC16835 Datasheet HTML 3Page - Texas Instruments SN74ALVC16835 Datasheet HTML 4Page - Texas Instruments SN74ALVC16835 Datasheet HTML 5Page - Texas Instruments SN74ALVC16835 Datasheet HTML 6Page - Texas Instruments SN74ALVC16835 Datasheet HTML 7Page - Texas Instruments SN74ALVC16835 Datasheet HTML 8Page - Texas Instruments SN74ALVC16835 Datasheet HTML 9Page - Texas Instruments SN74ALVC16835 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SN74ALVC16835
18-BIT UNIVERSAL BUS DRIVER
WITH 3-STATE OUTPUTS
SCES125D – FEBRUARY 1998 – REVISED FEBRUARY 1999
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figures 1 through 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
VCC = 2.5 V
± 0.2 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MIN
MAX
MIN
MAX
MIN
MAX
fmax
†
150
150
150
MHz
A
†
1
4.2
4.2
1
3.6
tpd
LE
Y
†
1.3
5
4.9
1.3
4.2
ns
CLK
†
1.4
5.5
5.2
1.4
4.5
ten
OE
Y
†
1.4
5.5
5.6
1.1
4.6
ns
tdis
OE
Y
†
1
4.5
4.3
1.3
3.9
ns
† This information was not available at the time of publication.
switching characteristics from 0
°C to 85°C, CL = 0 pF
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.15 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
t d†
A
Y
0.9
2
ns
tpd†
CLK
Y
1.5
2.9
ns
† Texas Instruments SPICE simulation data
switching characteristics from 0
°C to 65°C, CL = 50 pF
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.15 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
t d
A
Y
1
4
ns
tpd
CLK
Y
1.7
4.5
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V
UNIT
PARAMETER
TEST CONDITIONS
TYP
TYP
TYP
UNIT
C d
Power dissipation
Outputs enabled
CL =0
f=10MHz
†
26
31
pF
Cpd
capacitance
Outputs disabled
CL = 0,
f = 10 MHz
†
12
14
pF
† This information was not available at the time of publication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com