Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X212LSB Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # X212LSB
Description  8 mm switching soleniod valves
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

X212LSB Datasheet(HTML) 4 Page - Sensortechnics GmbH

  X212LSB Datasheet HTML 1Page - Sensortechnics GmbH X212LSB Datasheet HTML 2Page - Sensortechnics GmbH X212LSB Datasheet HTML 3Page - Sensortechnics GmbH X212LSB Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
X-Valve
®
8 mm switching soleniod valves
4/4
October 2008 / 250
www.sensortechnics.com
ORDERING INFORMATION
s
e
i
r
e
S
.
o
n
l
e
d
o
M
e
g
a
t
l
o
V
l
a
c
i
t
c
e
l
E
n
o
i
t
c
e
n
n
o
c
r
e
m
o
t
s
a
l
E
l
a
n
o
i
t
p
O
*
s
e
i
r
o
s
s
e
c
c
a
e
r
u
s
s
e
r
P
e
c
i
f
i
r
O
l
i
o
C
e
g
a
t
t
a
w
e
p
y
T
s
n
o
i
t
p
OX
1
i
s
p
6"
5
4
0
.
0
)
m
m
3
4
1
.
1
(
W
5
.
0l
a
s
r
e
v
i
n
u
*
3
0
V
3
C
D
)
y
l
n
o
i
s
p
0
3
&
6
(
S
n
i
p
t
r
o
h
s
F
M
K
F
B
t
e
k
s
a
g
&
w
e
r
c
s
2
i
s
p
0
3"
0
3
0
.
0
)
m
m
2
6
7
.
0
(
W
1l
a
s
r
e
v
i
n
u
5
0
V
5
C
D
)
y
l
n
o
i
s
p
6
(
L
n
i
p
g
n
o
l
E
M
D
P
E
)
y
l
n
o
i
s
p
6
(
0
s
e
i
r
o
s
s
e
c
c
a
o
n
5
i
s
p
0
0
1"
0
2
0
.
0
)
m
m
0
1
5
.
0
(
W
1C
N
2
1
V
2
1
C
D
S
e
n
o
c
il
i
s
)
y
l
n
o
i
s
p
6
(
4
2
V
4
2
C
D
t
o
n
d
l
e
i
f
y
r
o
s
s
e
c
c
a
*
e
v
l
a
v
n
o
d
e
t
n
i
r
p
e
l
p
m
a
S
:
o
n
r
e
d
r
o
X
1
5
0
L
F
B
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Note: Not all combinations might be available.
Non-elastomeric versions with enhanced media compatibility are available on request.
Please contact your nearest Sensortechnics sales representative for further information.
Accessories (please order separately using the following order numbers)
.
o
N
r
e
d
r
O
n
o
i
t
p
i
r
c
s
e
D
8
4
2
1
7
0
K
Z
,
g
n
i
b
u
t
e
n
a
h
t
e
r
u
y
l
o
p
t
n
e
r
a
p
s
n
a
r
t
r
a
e
l
C
)
m
m
2
.
3
(
h
c
n
i
8
/
1
:
r
e
t
e
m
a
i
d
r
e
t
u
o
,
)
m
m
6
.
1
(
h
c
n
i
6
1
/
1
r
e
t
e
m
a
i
d
r
e
n
n
i
P
I
L
C
G
N
I
N
I
A
T
E
R
-
X
g
n
i
t
n
u
o
m
r
o
f
p
il
c
r
e
d
l
o
S
G
U
L
P
T
R
O
P
-
X
g
u
l
p
t
r
o
P
-
XR
O
T
C
E
N
N
O
C
r
o
t
c
e
n
n
o
c
h
t
i
w
s
d
a
e
l
"
2
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com