Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11152SV12S00 Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # 11152SV12S00
Description  PC mount switching solenoid valve
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

11152SV12S00 Datasheet(HTML) 2 Page - Sensortechnics GmbH

  11152SV12S00 Datasheet HTML 1Page - Sensortechnics GmbH 11152SV12S00 Datasheet HTML 2Page - Sensortechnics GmbH 11152SV12S00 Datasheet HTML 3Page - Sensortechnics GmbH 11152SV12S00 Datasheet HTML 4Page - Sensortechnics GmbH 11152SV12S00 Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series 11
PC mount switching solenoid valve
2/5
June 2007 / 259
www.sensortechnics.com
.
o
n
t
r
a
Pe
r
u
s
s
e
r
Pm
u
u
c
a
V
/
s
e
z
i
s
e
c
i
f
i
r
O
C
t
n
e
l
a
v
i
u
q
E
V
1
e
t
a
r
k
a
e
L
2
e
s
n
o
p
s
e
R
.
.
.
0
1
1
1g
i
s
p
0
0
1
.
.
.
0
g
H
"
7
2
.
.
.
0
)
i
s
p
3
1
.
.
.
0
(
"
0
3
0
.
0/
)
m
m
2
6
7
.
0
(
C
7
1
0
.
0
V
≤
m
c
c
s
6
1
0
.
0
)
t
h
g
i
t
e
l
b
b
u
b
(
g
n
il
c
y
c
c
e
s
m
0
3
<
)
t
t
a
W
2
(
.
.
.
3
1
1
1g
i
s
p
0
5
.
.
.
0
.
.
.
6
1
1
1g
i
s
p
5
2
.
.
.
0
.
.
.
2
1
1
1g
i
s
p
0
7
.
.
.
0
/
)
m
m
0
7
2
.
1
(
"
0
5
0
.
0
C
5
3
0
.
0
V
g
n
il
c
y
c
c
e
s
m
0
3
<
)
t
t
a
W
2
(
.
.
.
5
1
1
1g
i
s
p
5
2
.
.
.
0
.
.
.
8
1
1
1g
i
s
p
0
1
.
.
.
0
PERFORMANCE CHARACTERISTICS
FLOW CURVE (typical air flow)3
Notes:
1
The C
V value is the volume flow in US gallons/min under specific flow conditions and describes the relative flow capacity of a
valve. If several valves with the same nominal diameter are compared, the valve with the highest C
V value has the best flow
dynamics design. The equivalent european measure is the k
V value expressed in m
3/h (k
V = 0.86 CV).
2
sccm denotes Standard Cubic Centimeters per Minute. It is a unit for the flow rate at standard conditions of temperature and
pressure. 1000 sccm = 1 slpm.
3
slpm denotes Standard Liters per Minute. It is a unit for the flow rate at standard conditions of temperature and pressure.
1 slpm = 1000 sccm.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com