Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2216 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2216
Description  16-Bit, 80Msps/65Msps Low Noise ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2216 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2216 Datasheet HTML 9Page - Linear Technology LTC2216 Datasheet HTML 10Page - Linear Technology LTC2216 Datasheet HTML 11Page - Linear Technology LTC2216 Datasheet HTML 12Page - Linear Technology LTC2216 Datasheet HTML 13Page - Linear Technology LTC2216 Datasheet HTML 14Page - Linear Technology LTC2216 Datasheet HTML 15Page - Linear Technology LTC2216 Datasheet HTML 16Page - Linear Technology LTC2216 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LTC2216/LTC2215
13
22165f
LTC2215 64k Point FFT,
fIN = 4.9MHz, –1dBFS
LTC2215 64k Point FFT,
fIN = 15.1MHz, –1dBFS
LTC2215 64k Point FFT,
fIN = 15.1MHz, –20dBFS,
Dither “Off”
LTC2215 64k Point 2–Tone FFT,
fIN = 14.25MHz and 21.5MHz,
–7dBFS
LTC2215 Differential Nonlinearity
(DNL) vs Output Code
LTC221564k Point FFT,
fIN = 15.1MHz, –20dBFS,
Dither “On”
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2215 Integral Nonlinearity (INL)
vs Output Code, Dither “On”
LTC2215 Integral Nonlinearity (INL)
vs Output Code, Dither “Off”
LTC2215 AC Grounded
Input Histogram
–2.0
–1.5
–1.0
–0.5
0.0
0.5
1.0
1.5
2.0
0
16384
32768
49152
65536
OUTPUT CODE
22165 G42
–2.0
–1.5
–1.0
–0.5
0.0
0.5
1.0
1.5
2.0
0
16384
32768
49152
65536
OUTPUT CODE
22165 G43
–1.0
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
16384
32768
49152
65536
OUTPUT CODE
22165 G44
22165 G45
0
2000
4000
6000
8000
10000
12000
14000
OUTPUT CODE
3275
32768
32777
22165 G50
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
0
102030
22165 G46
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
0
102030
22165 G47
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
010
20
30
22165 G48
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
0
102030
22165 G49
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
010
20
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com