Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2217 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2217
Description  16-Bit, 105Msps Low Noise ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2217 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2217 Datasheet HTML 17Page - Linear Technology LTC2217 Datasheet HTML 18Page - Linear Technology LTC2217 Datasheet HTML 19Page - Linear Technology LTC2217 Datasheet HTML 20Page - Linear Technology LTC2217 Datasheet HTML 21Page - Linear Technology LTC2217 Datasheet HTML 22Page - Linear Technology LTC2217 Datasheet HTML 23Page - Linear Technology LTC2217 Datasheet HTML 24Page - Linear Technology LTC2217 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC2217
21
2217f
The internal programmable gain amplifier provides the
internal reference voltage for the ADC. This amplifier has
very stringent settling requirements and therefore is not
accessible for external use.
The SENSE pin can be driven ±5% around the nominal 2.5V
or 1.25V external reference inputs. This adjustment range
can be used to trim the ADC gain error or other system
gain errors. When selecting the internal reference, the
SENSE pin should be tied to VDD as close to the converter
as possible. If the sense pin is driven externally it should
be bypassed to ground as close to the device as possible
with 1μF ceramic capacitor.
Figure 7. A 2.75V Range ADC with
an External 2.5V Reference
VCM
SENSE
1.575V
3.3V
2.2
μF
2.2
μF
1
μF
2217 F07
LTC1461-2.5
2
6
4
LTC2217
3. If the ADC is clocked with a fixed-frequency sinusoidal
signal, filter the encode signal to reduce wideband
noise.
4. Balance the capacitance and series resistance at both
encode inputs such that any coupled noise will appear
at both inputs as common mode noise.
The encode inputs have a common mode range of 1.2V
to VDD. Each input may be driven from ground to VDD for
single-ended drive.
Driving the Encode Inputs
The noise performance of the LTC2217 can depend on
the encode signal quality as much as on the analog input.
The encode inputs are intended to be driven differentially,
primarily for noise immunity from common mode noise
sources. Each input is biased through a 6k resistor to a
1.6V bias. The bias resistors set the DC operating point
for transformer coupled drive circuits and can set the logic
threshold for single-ended drive circuits.
Any noise present on the encode signal will result in ad-
ditional aperture jitter that will be RMS summed with the
inherent ADC aperture jitter.
In applications where jitter is critical (high input frequen-
cies), take the following into consideration:
1. Differential drive should be used.
2. Use as large an amplitude possible. If using trans-
former coupling, use a higher turns ratio to increase the
amplitude.
Figure 8a. Equivalent Encode Input Circuit
VDD
LTC2217
2217 F08a
VDD
ENC–
ENC+
1.6V
1.6V
6k
6k
TO INTERNAL
ADC CLOCK
DRIVERS
VDD
Figure 8b. Balun-Driven Encode
50
Ω
100
Ω
8.2pF
0.1
μF
0.1
μF
0.1
μF
T1
T1 = MA/COM ETC1-1-13
RESISTORS AND CAPACITORS
ARE 0402 PACKAGE SIZE
50
Ω
LTC2217
2217 F08b
ENC–
ENC+
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com