Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2220-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2220-1
Description  12-Bit,185Msps ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2220-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC2220-1 Datasheet HTML 1Page - Linear Technology LTC2220-1 Datasheet HTML 2Page - Linear Technology LTC2220-1 Datasheet HTML 3Page - Linear Technology LTC2220-1 Datasheet HTML 4Page - Linear Technology LTC2220-1 Datasheet HTML 5Page - Linear Technology LTC2220-1 Datasheet HTML 6Page - Linear Technology LTC2220-1 Datasheet HTML 7Page - Linear Technology LTC2220-1 Datasheet HTML 8Page - Linear Technology LTC2220-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LTC2220-1
2220_1fa
CO VERTER CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
●
12
Bits
Integral Linearity Error
Differential Analog Input (Note 5)
●
–1.8
±0.7
1.8
LSB
Differential Linearity Error
Differential Analog Input
●
–1
±0.5
1.2
LSB
Integral Linearity Error
Single-Ended Analog Input (Note 5)
±1.5
LSB
Differential Linearity Error
Single-Ended Analog Input
±0.5
LSB
Offset Error
(Note 6)
●
–35
±335
mV
Gain Error
External Reference
●
–2.5
±0.5
2.5
%FS
Offset Drift
±10
µV/C
Full-Scale Drift
Internal Reference
±30
ppm/C
External Reference
±15
ppm/C
Transition Noise
SENSE = 1V
0.5
LSBRMS
Supply Voltage (VDD) ................................................. 4V
Digital Output Ground Voltage (OGND) ....... –0.3V to 1V
Analog Input Voltage (Note 3) ..... –0.3V to (VDD + 0.3V)
Digital Input Voltage .................... –0.3V to (VDD + 0.3V)
Digital Output Voltage ............... –0.3V to (OVDD + 0.3V)
Power Dissipation ............................................ 1500mW
Operating Temperature Range
LTC2220-1C ............................................ 0
°C to 70°C
LTC2220-1I .........................................–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 125°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
OVDD = VDD (Notes 1, 2)
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
TJMAX = 125°C, θJA = 20°C/W
EXPOSED PAD (PIN 65) IS GND, MUST BE SOLDERED TO PCB
ORDER PART NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grade is identified by a label on the shipping container.
LTC2220CUP-1
LTC2220IUP-1
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
UP PART MARKING*
LTC2220UP-1
TOP VIEW
UP PACKAGE
64-LEAD (9mm
× 9mm) PLASTIC QFN
AIN
+ 1
AIN
+ 2
AIN
– 3
AIN
– 4
REFHA 5
REFHA 6
REFLB 7
REFLB 8
REFHB 9
REFHB 10
REFLA 11
REFLA 12
VDD 13
VDD 14
VDD 15
GND 16
48 D9+/DA6
47 D9–/DA5
46 D8+/DA4
45 D8–/DA3
44 D7 +/DA2
43 D7 –/DA1
42 OVDD
41 OGND
40 D6+/DA0
39 D6–/CLOCKOUTA
38 D5+/CLOCKOUTB
37 D5–/OFB
36 CLOCKOUT +/DB11
35 CLOCKOUT –/DB10
34 OVDD
33 OGND
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com