Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L822HW-R47MF Datasheet(PDF) 6 Page - Superworld Electronics

Part # L822HW-R47MF
Description  HIGH CURRENT MOLDED POWER INDUCTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L822HW-R47MF Datasheet(HTML) 6 Page - Superworld Electronics

  L822HW-R47MF Datasheet HTML 1Page - Superworld Electronics L822HW-R47MF Datasheet HTML 2Page - Superworld Electronics L822HW-R47MF Datasheet HTML 3Page - Superworld Electronics L822HW-R47MF Datasheet HTML 4Page - Superworld Electronics L822HW-R47MF Datasheet HTML 5Page - Superworld Electronics L822HW-R47MF Datasheet HTML 6Page - Superworld Electronics L822HW-R47MF Datasheet HTML 7Page - Superworld Electronics L822HW-R47MF Datasheet HTML 8Page - Superworld Electronics L822HW-R47MF Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 6
15.01.2008
L822HW SERIES
10. RELIABILITY AND TEST CONDITION :
Electrical Characteristics Test
No disconnection or short circuit.
Time : 500±12 hours
Measure at room temperature after placing for 2 to 3 hrs.
Heat Rated Current (Irms)
Mechanical Performance Test
Humidity Resistance
Thermal Shock
Reliability Test
Life Test
Life Test
Low Temperature
High Temperature
Solder Heat Resistance
Saturation Current (Isat)
Solderability Test
Inductance
DCR
Dipping
Temperature (°C)
Room Temperature
Room Temperature
10±0.5
seconds
Applied Current : Rated Curent
Measure at room temperature after placing for 2 to 3 hrs.
Measure at room temperature after placing for 2 to 3 hrs.
Measure at room temperature after placing for 2 to 3 hrs.
2. Inductance : Within ±20% of initial value.
2. Inductance : Within ±20% of initial value.
1. Appearance : No damage
No disconnection or short circuit.
4
Total : 5 cycles
Temperature : 40±5°C
Humidity : 90% to 95%
Step
Conditions of 1 cycle.
1-55±3
3
2
+125±3
1. Appearance : No damage
Temperature : -55±5°C
Time : 500±12 hours
Time : 500±12 hours
Temperature : 125±5°C
150°C
260°C
60
seconds
Preheating
Within 3
30±3
Within 3
30±3
Times (min.)
cooling
Natural
Solder Temperature : 230±5°C
2. Temperature measured by digital surface thermometer
1. Applied the allowed DC current
Dipping
4±1
seconds
CH16502, Agilent33420A Micro-Ohm Meter.
HP4284A, CH11025, CH3302, CH1320, CH1320S
approximately
T=40°C without core loss
Solder Temperature : 260±5°C
Irms(A) will cause the coil temperature rise
Isat(A) will cause Lo to drop approximately 20% typical
Flux for lead free : rosin
1. Appearance : No significant abnormally
2. Inductance changed : Within ±20%
60
seconds
Dip Time : 10±0.5sec.
Preheat : 150°C, 60sec.
Solder : Sn99.95-Cu0.05
Flux for lead free : rosin
Dip Time : 4±1sec.
150°C
230°C
Preheating
Refer to standard electrical characteristics list
More than 90% of the terminal electrode
should be covered with solder.
Solder : Sn99.95-Cu0.05
Preheat : 150°C, 60sec.
LCR meter.
cooling
Natural
ITEM
TEST CONDITION
PERFORMANCE
HIGH CURRENT MOLDED POWER INDUCTORS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com