Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4-R18-10 Datasheet(PDF) 3 Page - Superworld Electronics

Part # L4-R18-10
Description  FERRITE CHIP INDUCTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L4-R18-10 Datasheet(HTML) 3 Page - Superworld Electronics

  L4-R18-10 Datasheet HTML 1Page - Superworld Electronics L4-R18-10 Datasheet HTML 2Page - Superworld Electronics L4-R18-10 Datasheet HTML 3Page - Superworld Electronics L4-R18-10 Datasheet HTML 4Page - Superworld Electronics L4-R18-10 Datasheet HTML 5Page - Superworld Electronics L4-R18-10 Datasheet HTML 6Page - Superworld Electronics L4-R18-10 Datasheet HTML 7Page - Superworld Electronics L4-R18-10 Datasheet HTML 8Page - Superworld Electronics L4-R18-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
15.01.2008
FERRITE CHIP INDUCTORS
L4 SERIES
7. IMPEDANCE VS. FREQUENCY CURVES :
110
100
FREQ UENCY(M Hz)
0
20
40
60
80
10 0
12 0
FCI3216-Se ries Q vs F req .
R1 2
1R0
4R7
10 0
33 0
Q vs. Frequency
110
1 00
1 000
DC Current(mA)
0.1
1
10
100
FCI3216-Series L vs IDC.
330
100
4R7
1R0
L vs. IDC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com