Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7846AP Datasheet(PDF) 2 Page - Analog Devices

Part # AD7846AP
Description  16-Bit Voltage Output DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7846AP Datasheet(HTML) 2 Page - Analog Devices

  AD7846AP Datasheet HTML 1Page - Analog Devices AD7846AP Datasheet HTML 2Page - Analog Devices AD7846AP Datasheet HTML 3Page - Analog Devices AD7846AP Datasheet HTML 4Page - Analog Devices AD7846AP Datasheet HTML 5Page - Analog Devices AD7846AP Datasheet HTML 6Page - Analog Devices AD7846AP Datasheet HTML 7Page - Analog Devices AD7846AP Datasheet HTML 8Page - Analog Devices AD7846AP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Parameter
J, A Versions
K, B Versions
Unit
Test Conditions/Comments
RESOLUTION
16
16
Bits
UNIPOLAR OUTPUT
VREF– = 0 V, VOUT = 0 V to +10 V
Relative Accuracy @ +25
°C
±12
±4
LSB typ
1 LSB = 153
µV
TMIN to TMAX
±16
±8
LSB max
Differential Nonlinearity Error
±1
±0.5
LSB max
All Grades Guaranteed Monotonic
Gain Error @ +25
°C
±12
±6
LSB typ
VOUT Load = 10 M
Ω
TMIN to TMAX
±16
±16
LSB max
Offset Error @ +25
°C
±12
±6
LSB typ
TMIN to TMAX
±16
±16
LSB max
Gain TC
2
±1
±1
ppm FSR/
°C typ
Offset TC2
±1
±1
ppm FSR/
°C typ
BIPOLAR OUTPUT
VREF– = –5 V, VOUT = –10 V to +10 V
Relative Accuracy @ +25
°C
±6
±2
LSB typ
1 LSB = 305
µV
TMIN to TMAX
±8
±4
LSB max
Differential Nonlinearity Error
±1
±0.5
LSB max
All Grades Guaranteed Monotonic
Gain Error @ +25
°C
±6
±4
LSB typ
VOUT Load = 10 M
Ω
TMIN to TMAX
±16
±16
LSB max
Offset Error @ +25
°C
±6
±4
LSB typ
VOUT Load = 10 M
Ω
TMIN to TMAX
±16
±12
LSB max
Bipolar Zero Error @ +25
°C
±6
±4
LSB typ
TMIN to TMAX
±12
±8
LSB max
Gain TC
2
±1
±1
ppm FSR/
°Ctyp
Offset TC
2
±1
±1
ppm FSR/
°Ctyp
Bipolar Zero TC
2
±1
±1
ppm FSR/
°Ctyp
REFERENCE INPUT
Input Resistance
20
20
k
Ω min
Resistance from VREF+ to VREF –
40
40
k
Ω max
Typically 30 k
Ω
VREF+ Range
VSS + 6 to
VSS + 6 to
Volts
VDD – 6
VDD – 6
VREF– Range
VSS + 6 to
VSS + 6 to
Volts
VDD – 6
VDD – 6
OUTPUT CHARACTERISTICS
Output Voltage Swing
VSS + 4 to
VSS + 4 to
V max
VDD – 3
VDD – 3
Resistive Load
2
2
k
Ω min
To 0 V
Capacitive Load
1000
1000
pF max
To 0 V
Output Resistance
0.3
0.3
Ω typ
Short Circuit Current
±25
±25
mA typ
To 0 V or Any Power Supply
DIGITAL INPUTS
VIH (Input High Voltage)
2.4
2.4
V min
VIL (Input Low Voltage)
0.8
0.8
V max
IIN (Input Current)
±10
±10
µA max
CIN (Input Capacitance)
2
10
10
pF max
DIGITAL OUTPUTS
VOL (Output Low Voltage)
0.4
0.4
Volts max
ISINK = 1.6 mA
VOH (Output High Voltage)
4.0
4.0
Volts min
ISOURCE = 400
µA
Floating State Leakage Current
±10
±10
µA max
DB0–DB15 = 0 to VCC
Floating State Output Capacitance
2
10
10
pF max
POWER REQUIREMENTS3
VDD
+11.4/+15.75
+11.4/+15.75
V min/V max
VSS
–11.4/–15.75
–11.4/–15.75
V min/V max
VCC
+4.75/+5.25
+4.75/+5.25
V min/V max
IDD
5
5
mA max
VOUT Unloaded
ISS
5
5
mA max
VOUT Unloaded
ICC
1
1
mA max
Power Supply Sensitivity
4
1.5
1.5
LSB/V max
Power Dissipation
100
100
mW typ
VOUT Unloaded
NOTES
1Temperature ranges as follows: J, K Versions: 0
°C to +70°C; A, B Versions: –40°C to +85°C
2Guaranteed by design and characterization, not production tested.
3The AD7846 is functional with power supplies of
±12 V. See Typical Performance Curves.
4Sensitivity of Gain Error, Offset Error and Bipolar Zero Error to V
DD, VSS variations.
Specifications subject to change without notice.
REV. E
–2–
AD7846–SPECIFICATIONS1
(VDD = +14.25 V to +15.75 V; VSS = –14.25 V to –15.75 V; VCC = +4.75 V to +5.25 V.
VOUT loaded with 2 k , 1000 pF to 0 V; VREF+ = +5 V; RIN connected to 0 V. All
specifications TMIN to TMAX, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com