Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-MR-08-CDA Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # XP-MR-08-CDA
Description  10 Gbps 80km Multirate XFP Transceiver Preliminary
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

XP-MR-08-CDA Datasheet(HTML) 3 Page - Source Photonics, Inc.

  XP-MR-08-CDA Datasheet HTML 1Page - Source Photonics, Inc. XP-MR-08-CDA Datasheet HTML 2Page - Source Photonics, Inc. XP-MR-08-CDA Datasheet HTML 3Page - Source Photonics, Inc. XP-MR-08-CDA Datasheet HTML 4Page - Source Photonics, Inc. XP-MR-08-CDA Datasheet HTML 5Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
10 Gbps 80km Multirate XFP Transceiver
Preliminary
XP-MR-08-CDA
3
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS642-NOV0106
Rev. 0.1
Symbol
Min
Typical
Max
Unit
Clock Differential Input Impedance
Zd
80
100
120
Ω
Differential Input Clock Amplitude (p-p)
640
-
1600
mV
Reference Clock Duty Cycle
40
-
60
%
Reference Clcok Rise/Fall Time (20%-80%)
Tr/T
rr f
200
-
1250
ps
Reference Clock Frequency
f0
ff
-
Baud/64
-
MHz
Reference Clock
Pin
Logic
Symbol
Name/Description
Note
1
GND
Module Ground
1
2
VEE5
Optional -5.2V Power Supply (not used)
3
LVTTL-I
Mod_DeSel
Module De-select; When held low allows module to respond to 2-wire interface
4
LVTTL-O
Interrupt
Interrupt; Indicates presence of an important condition which can be read over the 2-wire
serial interface
2
5
LVTTL-I
TX_DIS
Transmitter Disable; Turns off transmitter laser output
6
Vcc5
+5V Power Supply
7
GND
Module Ground
1
8
Vcc3
+3.3V Power Supply
9
Vcc3
+3.3V Power Supply
10
LVTTL-I/O
SCL
2-Wire Serial Interface Clock
2
11
LVTTL-I/O
SDA
2-Wire Serial Interface Data Line
2
12
LVTTL-O
Mod_Abs
Indicates Module is not present. Grounded in the Module
2
13
LVTTL-O
Mod_NR
Module Not Ready; Indicating Module Operational Fault
2
14
LVTTL-O
RX_LOS
Receiver Loss Of Signal Indicator
2
15
GND
Module Ground
1
16
GND
Module Ground
1
17
CML-O
RD-
Receiver Inverted Data Output
18
CML-O
RD+
Receiver Non-Inverted Data Output
19
GND
Module Ground
1
20
Vcc2
+1.8V Power Supply
21
LVTTL-I
P_Down/RST
Power Down; When high, requires the module to limit power consumption to 1.5W or
below. 2-Wire serial interface must be functional in the low power mode.
Reset; The falling edge initiates a complete reset of the module including the 2-wire serial
interface, equivalent to a power cycle.
22
Vcc2
+1.8V Power Supply
23
GND
Module Ground
1
24
PECL-I
RefCLK+
Reference Clock Non-Inverted Input, AC coupled on the host board
25
PECL-I
RefCLK-
Reference Clock Inverted Input, AC coupled on the host board
26
GND
Module Ground
1
27
GND
Module Ground
1
28
CML-I
TD-
Transmitter Inverted Data Input
29
CML-I
TD+
Transmitter Non-Inverted Data Input
20
GND
Module Ground
1
Pin Out Definition
Notes:
1. Module ground pins GND are isolated from the module case and chassis ground within the module.
2. Shall be pulled up with 4.7k-10kohms to a voltage between 3.15V and 3.45V on the host board.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com