Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP-12-LR1-RDA Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SP-12-LR1-RDA
Description  622 Mbps SFP Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-12-LR1-RDA Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SP-12-LR1-RDA Datasheet HTML 1Page - Source Photonics, Inc. SP-12-LR1-RDA Datasheet HTML 2Page - Source Photonics, Inc. SP-12-LR1-RDA Datasheet HTML 3Page - Source Photonics, Inc. SP-12-LR1-RDA Datasheet HTML 4Page - Source Photonics, Inc. SP-12-LR1-RDA Datasheet HTML 5Page - Source Photonics, Inc. SP-12-LR1-RDA Datasheet HTML 6Page - Source Photonics, Inc. SP-12-LR1-RDA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
622 Mbps SFP Transceiver
SP-12-LR1
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1501-Oct3105
Rev A.0
LUMINENTOIC.COM
1
Parameter
Symbol
Min
Typical
Max
Unit
Optical Power
POP
-3
0
+2
dBm
Average Launch Power Of Off Tx
POff
-
-
-30
dBm
Extinction Ratio
ER
8.2
-
-
dB
Eye Mask
-
-
-
SONET/SDH compliant
Optical Jitter Generation
Jgen
-
-
0.002
UI
Optical Rise Timeb
tr
-
-
500
ps
Optical Fall Timeb
tf
-
500
ps
Mean Wavelength
λ
1296
1310
1330
nm
Spectral Width (RMS)
∆λ
-
-
1.7
nm
Dispersion Penalty (at 40 Km)
-
0.5
1
dB
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
b) 20%-80% values
Transmitter Specifications
Features
• Compliant with OC12/STM-4 Standards
• Single 3.3 V supply
• 25 dB min. link budget
• 1310nm FP Laser, 40 km reach
• SFP MSA SFF-8074i compliant
• Bellcore GR-468 compliant
• Color coded bail latch: Red
• RoHS-5/6 compliant product(lead exemption)
• Digital Diagnostic SFF-8472 Compliant
Parameter
Symbol
Min.
Typical
Max.
Unit
Supply Voltage
Vcc
3.135
3.3
3.465
V
Total Current
Icc
-
-
300
mA
Power Supply Noise Rejectiona
PSR
100
-
-
mVp-p
Operating Temperature (-CXX)
Top
-5
-
70
ºC
Operating Temperature (-RXX)
Top
-20
-
85
ºC
Operating Temperature (-TXX)
Top
-40
-
85
ºC
Storage Temperature
Tst
-40
-
85
ºC
Data Rate OC12/STM-2
DR
-
622
-
Mbps
a) 20Hz to 155MHz
General operating


Similar Part No. - SP-12-LR1-RDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-12-LR2-CDA SOURCE-SP-12-LR2-CDA Datasheet
472Kb / 7P
622 Mbps SFP Transceiver
SP-12-LR2-CNA SOURCE-SP-12-LR2-CNA Datasheet
472Kb / 7P
622 Mbps SFP Transceiver
SP-12-LR2-RDA SOURCE-SP-12-LR2-RDA Datasheet
472Kb / 7P
622 Mbps SFP Transceiver
SP-12-LR2-RNA SOURCE-SP-12-LR2-RNA Datasheet
472Kb / 7P
622 Mbps SFP Transceiver
SP-12-LR2-TDA SOURCE-SP-12-LR2-TDA Datasheet
472Kb / 7P
622 Mbps SFP Transceiver
More results

Similar Description - SP-12-LR1-RDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-12-IR1-CNA SOURCE-SP-12-IR1-CNA Datasheet
433Kb / 7P
622 Mbps SFP Transceiver
SP-12-LR2-CNA SOURCE-SP-12-LR2-CNA Datasheet
472Kb / 7P
622 Mbps SFP Transceiver
SPC-12-LR-47CDA SOURCE-SPC-12-LR-47CDA Datasheet
483Kb / 7P
622 Mbps CWDM SFP Transceiver
logo
Optoway Technology Inc
SPB-5720G_2015 OPTOWAY-SPB-5720G_2015 Datasheet
177Kb / 6P
622 Mbps Single-Fiber SFP Transceiver
SPB-5740G_2015 OPTOWAY-SPB-5740G_2015 Datasheet
177Kb / 6P
622 Mbps Single-Fiber SFP Transceiver
SPB-5780-1590G_2015 OPTOWAY-SPB-5780-1590G_2015 Datasheet
177Kb / 6P
622 Mbps Single-Fiber SFP Transceiver
SPB-5620G OPTOWAY-SPB-5620G_15 Datasheet
177Kb / 6P
622 Mbps Single-Fiber SFP Transceiver
SPB-5720G OPTOWAY-SPB-5720G_15 Datasheet
177Kb / 6P
622 Mbps Single-Fiber SFP Transceiver
SPB-5740G OPTOWAY-SPB-5740G_15 Datasheet
177Kb / 6P
622 Mbps Single-Fiber SFP Transceiver
SPB-57120-1510G OPTOWAY-SPB-57120-1510G_15 Datasheet
177Kb / 6P
622 Mbps Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com