Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP-MR-SR1-RDA Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # SP-MR-SR1-RDA
Description  Multi-Rate SFP Transceiver(SR1)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-MR-SR1-RDA Datasheet(HTML) 3 Page - Source Photonics, Inc.

  SP-MR-SR1-RDA Datasheet HTML 1Page - Source Photonics, Inc. SP-MR-SR1-RDA Datasheet HTML 2Page - Source Photonics, Inc. SP-MR-SR1-RDA Datasheet HTML 3Page - Source Photonics, Inc. SP-MR-SR1-RDA Datasheet HTML 4Page - Source Photonics, Inc. SP-MR-SR1-RDA Datasheet HTML 5Page - Source Photonics, Inc. SP-MR-SR1-RDA Datasheet HTML 6Page - Source Photonics, Inc. SP-MR-SR1-RDA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Multi-Rate SFP Transceiver(SR1)
SP-MR-SR1
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1526-Jan2308
Rev A.2
LUMINENTOIC.COM
Parameter
Range
Accuracy
Unit
Calibration
Formula
Temperature(-CDA)
-5 to 70
±3
ºC
External
Tc(C) = Tslope*Tad(16 bit signed twos complement value) + Toffset
Temperature(-RDA)
-20 to 85
±3
ºC
External
Tc(C) = Tslope*Tad(16 bit signed twos complement value) + Toffset
Temperature(-TDA)
-40 to 85
±3
ºC
External
Tc(C) = Tslope*Tad(16 bit signed twos complement value) + Toffset
Voltage
0 to Vcc
0.1
V
External
V(Volts) = Vslope*Vad (16 bit unsigned integer) + Voffset
Bias Current
0 to 120
5
mA
External
I(mA) = Islope * Iad(16 bit unsigned integer)+Ioffset
Tx Power
-10 to -3
±3dB
dBm
External
Tx_PWR(µW) = Tx_PWRslope*Tx_PWRad(16 bit unsigned integer)+Tx_
PWRoffset
Rx Power
-20 to -3
±3dB
dBm
External
Rx_PWR(µW) = A0+A1*x+A2*x^2+A3*x^3+A4*x^4
Diagnostics
Pin
Function
Notes
1
VeeT
TX GND
2
TX_FAULT
Open Collector
3
TX_DISABLE
Internally Pulled High
4
MOD_DEF2
Serial Data Input
5
MOD_DEF1
Serial Clock Input
6
MOD_DEF0
Internally Grounded
7
NC
Not Connected
8
LOS
Open Collector
9
VeeR
RX Ground
10
VeeR
RX Ground
11
VeeR
RX Ground
12
RXD-
RX Data Negative
13
RXD+
RX Data Positive
14
VeeR
RX GND
15
VCCR
RX Power
16
VCCT
TX Power
17
VeeT
TX GND
18
TXD+
TX Data Positive
19
TXD-
TX Data Negative
20
VeeT
TX GND
Pinout Definitions



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com