Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP-MR-LR2-RDA Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SP-MR-LR2-RDA
Description  Multi-Rate SFP Transceiver(LR2)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-MR-LR2-RDA Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SP-MR-LR2-RDA Datasheet HTML 1Page - Source Photonics, Inc. SP-MR-LR2-RDA Datasheet HTML 2Page - Source Photonics, Inc. SP-MR-LR2-RDA Datasheet HTML 3Page - Source Photonics, Inc. SP-MR-LR2-RDA Datasheet HTML 4Page - Source Photonics, Inc. SP-MR-LR2-RDA Datasheet HTML 5Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Multi-Rate SFP Transceiver(LR2)
SP-MR-LR2
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS1530-FEB2406
rev. A.0
Parameter
Symbol
Min
Typical
Max
Unit
Optical Power
Pop
-2
0.5
3
dBm
Average Launch Power Of Off Tx
Poff
-
-
-30
dBm
Extinction Ratio
ER
8.2
-
-
dB
Eye Mask
-
-
-
IEEE 802.3Z, SONET/SDH compliant
Optical Jitter Generation
Jgen
-
-
0.007
UI
Optical Rise Timeb
tr
-
-
160
ps
Optical Fall Timeb
tf
-
160
ps
Mean Wavelength
λ
1500
1550
1580
nm
Spectral Width (20dB)
∆λ
-
-
1
nm
Dispersion Penalty (80 Km SMF)c
dp
-
1
2
dB
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Reflection Toleranced
rp
-24
-
-
dB
Transmitter Specifications (Optical)
Features
• Single 3.3 V supply
• 80 km reach
• 26dB min, 30.5 dB typical link budget
• Commercial and Reduced Industrial temperature available
• 1550nm DFB laser
• APD Receiver
• SFP MSA SFF-8074i compliant
• GR 253/STM G.957 compliant
• Digital Diagnostic SFF-8472 Rev. 9.3 compliant
• Telcordia GR-468 compliant
• White color coated bail latch
• RoHS 5/6 compliant (Lead Exemption)
Parameter
Symbol
Min.
Typical
Max.
Unit
Supply Voltage
Vcc
3.135
3.3
3.465
V
Total Current
Icc
-
-
300
mA
Power Supply Noise Rejectiona
PSR
100
-
-
mVp-p
Operating Temperature(-Cxx)
Top
-5
-
70
ºC
Operating Temperature(-Rxx)
Top
-20
-
85
ºC
Storage Temperature
Tst
-40
-
85
ºC
Data Rate
DR
100
-
2700
Mbps
General Operating
b) 20%-80% values
c) Measured at BER of 1e-10, PRBS of 223-1, at eye center
d) 1 dB degradation of receiver sensitivity
a) 20Hz to 155MHz


Similar Part No. - SP-MR-LR2-RDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-MR-LR2 SOURCE-SP-MR-LR2 Datasheet
217Kb / 11P
Multi-Rate SFP Transceiver (LR2)
More results

Similar Description - SP-MR-LR2-RDA

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1621P2T47 FINISAR-FWLF1621P2T47 Datasheet
506Kb / 12P
Multi-rate CWDM Pluggable SFP Transceiver
logo
Source Photonics, Inc.
SPC-MR-EIR-31CDA SOURCE-SPC-MR-EIR-31CDA Datasheet
493Kb / 8P
Multi-Rate CWDM SFP Transceiver
SP-03-LR2-CDA SOURCE-SP-03-LR2-CDA Datasheet
474Kb / 7P
155 Mbps SFP Transceiver (LR2)
SP-MR-SR1-CDA SOURCE-SP-MR-SR1-CDA Datasheet
478Kb / 7P
Multi-Rate SFP Transceiver(SR1)
SP-MR-IR1-CDA SOURCE-SP-MR-IR1-CDA Datasheet
520Kb / 6P
Multi-Rate SFP Transceiver(IR1)
SP-MR-IR2-CDA SOURCE-SP-MR-IR2-CDA Datasheet
499Kb / 5P
Multi-Rate SFP Transceiver(IR2)
SP-MR-LR1-CDA SOURCE-SP-MR-LR1-CDA Datasheet
473Kb / 7P
Multi-Rate SFP Transceiver(LR1)
SP-MR-LR2 SOURCE-SP-MR-LR2 Datasheet
217Kb / 11P
Multi-Rate SFP Transceiver (LR2)
SP-MR-LR1 SOURCE-SP-MR-LR1 Datasheet
217Kb / 11P
Multi-Rate SFP Transceiver (LR1)
logo
Finisar Corporation.
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
Multi-rate CWDM Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com