Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T-11-622M-R3-SSC Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # T-11-622M-R3-SSC
Description  622Mbps PIN-TIA Receiver Module-Receptacle (5pin-out, 3.3V)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

T-11-622M-R3-SSC Datasheet(HTML) 1 Page - Source Photonics, Inc.

  T-11-622M-R3-SSC Datasheet HTML 1Page - Source Photonics, Inc. T-11-622M-R3-SSC Datasheet HTML 2Page - Source Photonics, Inc. T-11-622M-R3-SSC Datasheet HTML 3Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
T-11-622M-R3-XXX-XX
622Mbps PIN-TIA Receiver Module-Receptacle
(5pin-out, 3.3V)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1534-APR1106
rev. A.0
LUMINENTOIC.COM
Features
• InGaAs/InP PIN Photodiode with transimpedance amplifier
• High sensitivity with AGC*
• Differential ended output
• Single +3.3V operation
• -40~85ºC operating temperature
Packaging
• FC/ST/SC receptacle packaged
Application
• 622Mbps SDH/SONET/ATM receivers
• RoHS Compliant available
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
4
V
Operating Temperature
Topr
-40 ~ 85
ºC
Storage Temperature
Tstg
-40 ~ 85
ºC
Absolute Maximum Ratings (Tc=25ºC)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Detection Range
-
1100
1310
1650
nm
-
Gain@10Mbps Differential
G
6
7
-
V/mW
Measure differentially AC coupled,
RL=50Ω
Bandwidth (to -3dB point)
BW
404
470
-
MHz
-
Saturation Power
Psat
-3
0
-
dBm
BER<10-10@622Mbps,PRBS 223-1,
Er=10dB
Sensitivity
Sens
-
-32
-29
dBm
BER<10-10@622Mbps,PRBS 223-1,
Er=10dB
Output Resistance
Rout
48
50
52
ohm
-
AC/Optical and Electrical Characteristics (Tc=25ºC)
(Operating at Vcc=3.3V , Tc=25ºC , λ=1310nm , 9/125µm SM fiber, 50/125µm MM fiber)
Note: 1. Pin assignment can be customized.
2. Specifications subject to change without notice.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply
VCC
3.0
3.3
3.6
V
Differential Ouptput Voltage
Vd
-5
-
5
V
Supply Current (no load)
Icc
-
21
30
mA
DC Electrical Characteristics (Tc=25ºC)


Similar Part No. - T-11-622M-R3-SSC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
T-11-622-D-SLC SOURCE-T-11-622-D-SLC Datasheet
490Kb / 3P
622Mbps PIN-TIA Receiver Modules-ROSA (5V)
T-11-622-D-SLC-G5 SOURCE-T-11-622-D-SLC-G5 Datasheet
490Kb / 3P
622Mbps PIN-TIA Receiver Modules-ROSA (5V)
T-11-622-D-SLC-GR SOURCE-T-11-622-D-SLC-GR Datasheet
490Kb / 3P
622Mbps PIN-TIA Receiver Modules-ROSA (5V)
T-11-622-D-SMU SOURCE-T-11-622-D-SMU Datasheet
490Kb / 3P
622Mbps PIN-TIA Receiver Modules-ROSA (5V)
T-11-622-D-SMU-G5 SOURCE-T-11-622-D-SMU-G5 Datasheet
490Kb / 3P
622Mbps PIN-TIA Receiver Modules-ROSA (5V)
More results

Similar Description - T-11-622M-R3-SSC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T-11-1250M ETC2-T-11-1250M Datasheet
392Kb / 3P
1.25Gbps PIN-TIA Receiver Module-Receptacle
logo
Source Photonics, Inc.
T-11-622-D-SSC SOURCE-T-11-622-D-SSC Datasheet
490Kb / 3P
622Mbps PIN-TIA Receiver Modules-ROSA (5V)
T-11-622-D3-SSC SOURCE-T-11-622-D3-SSC Datasheet
522Kb / 3P
622Mbps PIN-TIA Receiver Modules-ROSA (3.3V)
T-11-622-R-SFC SOURCE-T-11-622-R-SFC Datasheet
1Mb / 4P
622Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (5V)
T-11-622-R3-SFC SOURCE-T-11-622-R3-SFC Datasheet
527Kb / 4P
622Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (3.3V)
T-11-1250-R3-SFC SOURCE-T-11-1250-R3-SFC Datasheet
424Kb / 4P
PIN-TIA Receiver Modules-Receptacle & Pigtailed(3.3V)
T-11-622-P-SFC-O SOURCE-T-11-622-P-SFC-O Datasheet
403Kb / 4P
622Mbps PIN-TIA Receiver Modules (5V)
T-11-1250M-R3-SFC SOURCE-T-11-1250M-R3-SFC Datasheet
397Kb / 3P
1.25Gbps PIN-TIA Receiver Module-Receptacle (5pin-out, 3.3V)
C-13-15-F02M-P-SFCL SOURCE-C-13-15-F02M-P-SFCL Datasheet
607Kb / 5P
1310nm Emitting,1550nm Receiving(PIN-TIA,5pin-out,3.3V) Bi-directional Diplexer Optical Module
C-15-13-F02M-P-SFCL SOURCE-C-15-13-F02M-P-SFCL Datasheet
603Kb / 5P
1550nm Emitting,1310nm Receiving(PIN-TIA,5pin-out,3.3V) Bi-directional Diplexer Optical Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com