Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T-11-155-R-MMU-GR Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # T-11-155-R-MMU-GR
Description  155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed 5V without AGC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

T-11-155-R-MMU-GR Datasheet(HTML) 1 Page - Source Photonics, Inc.

  T-11-155-R-MMU-GR Datasheet HTML 1Page - Source Photonics, Inc. T-11-155-R-MMU-GR Datasheet HTML 2Page - Source Photonics, Inc. T-11-155-R-MMU-GR Datasheet HTML 3Page - Source Photonics, Inc. T-11-155-R-MMU-GR Datasheet HTML 4Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1503-NOV2905
rev. A.0
LUMINENTOIC.COM
T-11-155-X-XXX-X-XX
155Mbps PIN-TIA Receiver Modules-Receptacle
& Pigtailed 5V without AGC
Features
• InGaAs/InP PIN Photodiode with transimpedance amplifier
• Differential ended output
• Single +5V operation
• -40~85ºC operating temperature
• RoHS Compliant available
Packaging
• FC/ST/SC receptacle package
• SM(9/125)/MM(50/125) fiber pigtailed with optional FC/ST/SC/
MU connector
Applcation
• 155Mbps FDDI/Fast ethernet/ATM receivers
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
6
V
Operating Temperature
Topr
-40 ~ +85
ºC
Storage Temperature
Tstg
-40 ~ +85
ºC
Absolute Maximum Ratings (Tc=25ºC)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Detection Range
λ
1100
1310
1650
nm
-
Gain@10Mbps Differential
G
15
18
22
V/mW
λ
=1310nm
Bandwidth
BW
120
150
-
MHz
-
Saturation Power
Psat
-
-11
-
dBm
λ
=1310nm
Sensitivity
Sens.
-
-33
-31
dBm
BER=10-10@155Mbps
Output Resistance
Rout
-
50
65
ohm
-
AC/Optical and Electrical Characteristics (Tc=25ºC)
(Operating at Vcc=5V,Tc=25ºC,RL=3000Ω, λ=1310nm, 9/125µm SM fiber)
Note: 1.Pin assignment can be customized.
2.Specifications subject to change without notice.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply
VCC
4.5
5
5.5
V
Differential Ouptput offset Voltage
Vd
-
1
-
V
Supply Current (no load)
Icc
-
-
30
mA
DC Electrical Characteristics (Tc=25ºC)


Similar Part No. - T-11-155-R-MMU-GR

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
T-11-155-R3-M-AGC SOURCE-T-11-155-R3-M-AGC Datasheet
335Kb / 4P
155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed
T-11-155-R3-M-AGC-G5 SOURCE-T-11-155-R3-M-AGC-G5 Datasheet
335Kb / 4P
155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed
T-11-155-R3-M-AGC-GR SOURCE-T-11-155-R3-M-AGC-GR Datasheet
335Kb / 4P
155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed
T-11-155-R3-MFC-AGC SOURCE-T-11-155-R3-MFC-AGC Datasheet
335Kb / 4P
155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed
T-11-155-R3-MFC-AGC-G5 SOURCE-T-11-155-R3-MFC-AGC-G5 Datasheet
335Kb / 4P
155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed
More results

Similar Description - T-11-155-R-MMU-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T-11-155-D ETC2-T-11-155-D Datasheet
610Kb / 3P
155Mbps PIN-TIA Receiver Modules-ROSA(5V)
logo
Source Photonics, Inc.
T-11-155-D-SSC SOURCE-T-11-155-D-SSC Datasheet
625Kb / 3P
155Mbps PIN-TIA Receiver Modules-ROSA(5V)
T-11-622-R-SFC SOURCE-T-11-622-R-SFC Datasheet
1Mb / 4P
622Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (5V)
T-11-155-R3-SFC-AGC SOURCE-T-11-155-R3-SFC-AGC Datasheet
335Kb / 4P
155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed
T-11-622-R3-SFC SOURCE-T-11-622-R3-SFC Datasheet
527Kb / 4P
622Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (3.3V)
T-11-1250-R3-SFC SOURCE-T-11-1250-R3-SFC Datasheet
424Kb / 4P
PIN-TIA Receiver Modules-Receptacle & Pigtailed(3.3V)
T-11-2500-R-SFC SOURCE-T-11-2500-R-SFC Datasheet
1,020Kb / 4P
2.5Gbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (5V)
T-11-2315T-04 SOURCE-T-11-2315T-04 Datasheet
502Kb / 3P
155Mbps PIN-TIA Receiver Modules
T-11-2315C-02 SOURCE-T-11-2315C-02 Datasheet
567Kb / 3P
155Mbps PIN-TIA Receiver Modules
T-11-2315T-08 SOURCE-T-11-2315T-08 Datasheet
157Kb / 4P
155Mbps PIN-TIA Receiver modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com