Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2232 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2232
Description  10-Bit,105Msps/80Msps ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2232 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2232 Datasheet HTML 9Page - Linear Technology LTC2232 Datasheet HTML 10Page - Linear Technology LTC2232 Datasheet HTML 11Page - Linear Technology LTC2232 Datasheet HTML 12Page - Linear Technology LTC2232 Datasheet HTML 13Page - Linear Technology LTC2232 Datasheet HTML 14Page - Linear Technology LTC2232 Datasheet HTML 15Page - Linear Technology LTC2232 Datasheet HTML 16Page - Linear Technology LTC2232 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC2232/LTC2233
13
22323fa
FUNCTIONAL BLOCK DIAGRA
DIFF
REF
AMP
REF
BUF
2.2
µF
1
µF
0.1
µF
0.1
µF
1
µF
INTERNAL CLOCK SIGNALS
REFH
REFL
DIFFERENTIAL
INPUT
LOW JITTER
CLOCK
DRIVER
RANGE
SELECT
1.6V
REFERENCE
SECOND PIPELINED
ADC STAGE
ENC+
REFHA
REFLB
REFLA REFHB
ENC–
SHIFT REGISTER
AND CORRECTION
OE
M0DE
OGND
OVDD
22323 F01
INPUT
S/H
SENSE
VCM
AIN
–
AIN
+
2.2
µF
FIRST PIPELINED
ADC STAGE
FIFTH PIPELINED
ADC STAGE
FOURTH PIPELINED
ADC STAGE
THIRD PIPELINED
ADC STAGE
OUTPUT
DRIVERS
CONTROL
LOGIC
SHDN
OF
D9
D0
CLKOUT
•
•
•
Figure 1. Functional Block Diagram
tAP
N + 1
N + 2
N + 4
N + 3
N
ANALOG
INPUT
tH
tD
tC
tL
N – 5
N – 4
N – 3
N – 2
N – 1
ENC–
ENC+
CLOCKOUT
D0-D9, OF
22323 TD02
Timing Diagram
TI I G DIAGRA S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com