Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDB1005331MZF Datasheet(PDF) 6 Page - Superworld Electronics

Part # PDB1005331MZF
Description  POWER TRANSFORMER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDB1005331MZF Datasheet(HTML) 6 Page - Superworld Electronics

  PDB1005331MZF Datasheet HTML 1Page - Superworld Electronics PDB1005331MZF Datasheet HTML 2Page - Superworld Electronics PDB1005331MZF Datasheet HTML 3Page - Superworld Electronics PDB1005331MZF Datasheet HTML 4Page - Superworld Electronics PDB1005331MZF Datasheet HTML 5Page - Superworld Electronics PDB1005331MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 6
01.05.2008
SMD POWER INDUCTORS
PDB1005 SERIES
GUANGDONG CHINA
94V-0
1.5
130
130
2
130
4
___
___
___
E4810
NC , BK
94V-0
1.5
3.0
94V-0
0.75
0.30
3.0
94V-0
94V-0
94V-0
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
___
04
4
15
0
___
4
4
0
___
15
___
___
0
___
4
___
___
4
E54705 (M)
___
___
___
___
___
___
___
___
___
___
___
___
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
E4008 , E400X
Mtl Dsg
E4008
E400(Y)L , E4008L
E4010
___
94V-0
1.5
130
130
2
130
4
94V-0
0.30
NC , BK
NC , BK
94V-0
3.0
0.75
0.30
94V-0
94V-0
1.5
0.75
94V-0
94V-0
NC , WT , BK
94V-0
0.75
1.5
3.0
94V-0
94V-0
0.30
3.0
94V-0
94V-0
130
130
130
220
200
240
130
130
130
130
130
130
220
220
200
180
240
220
5
___
0
___
1
___
4
4
3
___
___
4
4
2
3
___
___
220
180
220
220
220
200
200
240
240
130
130
130
130
130
130
___
34
___
4
4
2
1
___
5
___
0
___
___
4
___
15
___
0
UL94
Min
NC , BK
Col
0.30
0.75
94V-0
94V-0
mm
Thk
Class
Flame
V
HH
4
Mech
Elec
Imp
130
130
130
130
130
130
Imp
with
w/o
___
4
___
3
___
___
I
A
I
W
5
9
R
T
RTI
D
H
Mtl Dsg
Coating Type
BC
__
TC
__
__
Type
TI
__
ANSI
___
___
4
___
___
___
___
___
___
4
___
___
4
C
___
___
I
T
10. UL CARD :



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com